Electronic Components Datasheet Search
  English  ▼

X  

PE3ISLBLL Datasheet(PDF) 3 Page - Silicom Ltd.

Part # PE3ISLBLL
Description  PCIe 3.0, x8 Crypto / Compression LBG Server Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE3ISLBLL Datasheet(HTML) 3 Page - Silicom Ltd.

  PE3ISLBLL Datasheet HTML 1Page - Silicom Ltd. PE3ISLBLL Datasheet HTML 2Page - Silicom Ltd. PE3ISLBLL Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
PE3ISLBEL
– 4.90W
Measure with Intel basic test program
Holder:
Metal Bracket: Full Height and Low Height
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 45°C (32°F – 113
F)
Air flow requirement for this adapter is 200 LFM
Cooling
Heatsink With Integrated Fan.
(Stretch-Goal of Fanless Operation, which will require modeling)
Storage:
-40°C
–65°C (-40°F–149°F)
Regulation:
Card shall meet CE, FCC Class B, ROHS requirements.
MTBF:
409 years
*According to Telcordia SR-332 Issue 3
Environmental condition
– GB (Ground, Fixed, Controlled). Ambient temperature – 25°C.
Temperature rise of 15°C above the system ambient temperature was assumed for the cards
components.
Operating Systems Support:
Operating system support:
Linux
Order Information
P/N
Description
Notes
PE3ISLBLL
PCIe 3.0, x8 Crypto / Compression LBG Server
Adapter
Based on Intel® C628 Chipset
Gen 3.0 x8
PE3ISLBTL
PCIe 3.0, x8 Crypto / Compression LBG Server
Adapter
Based on Intel® C627 Chipset
Gen 3.0 x8
PE3ISLBEL
PCIe 3.0, x8 Crypto / Compression LBG Server
Adapter
Based on Intel® C625 Chipset,
Gen 3.0 x8
PE3ISLBML
PCIe 3.0, x8 Crypto / Compression LBG Server
Adapter
Based on Intel® C626 Chipset,
Gen 3.0 x8
Model P/N -LP
1V4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com