Electronic Components Datasheet Search
  English  ▼

X  

40ZYN Datasheet(PDF) 1 Page - promoco-motors.com

Part # 40ZYN
Description  PM DC Motor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROMOCO [promoco-motors.com]
Direct Link  http://www.promoco-motors.com/index.php
Logo PROMOCO - promoco-motors.com

40ZYN Datasheet(HTML) 1 Page - promoco-motors.com

  40ZYN Datasheet HTML 1Page - promoco-motors.com  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PM DC Motor
The specifications are believed to be accurate and
reliable. However, the suitability has to be determined
for a specific application. Specifications are subject to
change without notice.
40ZYN Series
General Specifications
Customized solutions on request.
Electrical Specifications
Model
Rated
Voltage
No-load
Speed
No-load
Current
Rated
Speed
Rated
Current
Rated
Torque
Rated
Power
Length L
VDC
rpm
A
rpm
A
mNm
W
mm
40ZY06-001
6
7000
1.2
5600
5.8
40
24
72
40ZY12-001
12
6000
0.7
5000
3.4
50
26
72
40ZY144-002
14.4
5500
0.5
4500
2.4
50
23
72
40ZY18-001
18
3000
0.3
2400
1.4
70
17
72
Mechanical Dimensions
Insulation Class
B 130°C/F 155°C
Operating Temperature Range
-5°C ~ +50°C
Environment Temperature
20°C±2°C
Environment Humidity
65%±5%RH
Protection
IP00
Installation
IMB14
Choose Components
Magnetic Encoder


Similar Description - 40ZYN

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
SM0801 PROMOCO-SM0801 Datasheet
419Kb / 1P
PM Stepping Motor
63ZY PROMOCO-63ZY Datasheet
457Kb / 1P
PM DC Motor
73ZY PROMOCO-73ZY Datasheet
368Kb / 1P
PM DC Motor
76ZY PROMOCO-76ZY Datasheet
368Kb / 1P
PM DC Motor
80ZY PROMOCO-80ZY Datasheet
458Kb / 1P
PM DC Motor
83ZY PROMOCO-83ZY Datasheet
425Kb / 1P
PM DC Motor
90ZY PROMOCO-90ZY Datasheet
369Kb / 1P
PM DC Motor
94ZY PROMOCO-94ZY Datasheet
367Kb / 1P
PM DC Motor
100ZY PROMOCO-100ZY Datasheet
446Kb / 1P
PM DC Motor
110ZY PROMOCO-110ZY Datasheet
355Kb / 1P
PM DC Motor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com