Electronic Components Datasheet Search
  English  ▼

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  PC 4 HV/12-ST-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Apr 19, 2012
Extract from the online
catalog
 
PC 4 HV/12-ST-7,62
This product has been replaced by a newer version.
Order No.: 1880096
The figure shows a 5-pos. version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1880096
 
 
Plug component, Nominal current: 20 A, Rated voltage (III/2): 1000 V,
Number of positions: 12, Pitch: 7.62 mm, Connection method: Screw
connection, Color: green, Contact surface: Tin
 
Commercial data
GTIN (EAN)
4
017918
174002
Note
Made-to-order
sales group
E512
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 368 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
02/11/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Height
19.7 mm
Pitch
7.62 mm
Dimension a
83.82 mm


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1804917 PHOENIX-1804917 Datasheet
159Kb / 6P
PC 4/ 3-ST-7,62
1804920 PHOENIX-1804920 Datasheet
163Kb / 6P
PC 4/ 4-ST-7,62
1805000 PHOENIX-1805000 Datasheet
109Kb / 7P
Plug - PC 4/12-ST-7,62
1872321 PHOENIX-1872321 Datasheet
80Kb / 3P
PC 4 HV/ 2-ST-7,62 BK
1880041 PHOENIX-1880041 Datasheet
145Kb / 5P
PC 4 HV/ 7-ST-7,62
1880054 PHOENIX-1880054 Datasheet
141Kb / 5P
PC 4 HV/ 8-ST-7,62
1880083 PHOENIX-1880083 Datasheet
141Kb / 5P
PC 4 HV/11-ST-7,62
1880135 PHOENIX-1880135 Datasheet
142Kb / 6P
PC 4 HV/ 8-STF-7,62
1880151 PHOENIX-1880151 Datasheet
142Kb / 6P
PC 4 HV/10-STF-7,62
1880070 PHOENIX-1880070 Datasheet
80Kb / 5P
Printed-circuit board connector - PC 4 HV/10-ST-7,62
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com