Electronic Components Datasheet Search
  English  ▼

X  

ICS85320I Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS85320I
Description  LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85320I Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS85320I Datasheet HTML 1Page - Integrated Circuit Systems ICS85320I Datasheet HTML 2Page - Integrated Circuit Systems ICS85320I Datasheet HTML 3Page - Integrated Circuit Systems ICS85320I Datasheet HTML 4Page - Integrated Circuit Systems ICS85320I Datasheet HTML 5Page - Integrated Circuit Systems ICS85320I Datasheet HTML 6Page - Integrated Circuit Systems ICS85320I Datasheet HTML 7Page - Integrated Circuit Systems ICS85320I Datasheet HTML 8Page - Integrated Circuit Systems ICS85320I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
85320AMI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 25, 2004
3
Integrated
Circuit
Systems, Inc.
ICS85320I
LVCMOS / LVTTL-TO-DIFFERENTIAL
2.5V / 3.3V LVPECL TRANSLATOR
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
CC = 3.3V±5%
OR
2.5V±5%, TA = -40°C TO 85°C
TABLE 3B. LVCMOS / LVTTL DC CHARACTERISTICS, V
CC = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
5
3
1
.
33
.
35
6
4
.
3V
5
7
3
.
25
.
25
2
6
.
2V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
5
2A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IK
L
C2
V
C
C
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IK
L
C3
.
0
-3
.
1V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IK
L
CV
C
C
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IK
L
CV
C
C
V
=
N
I
V
5
6
4
.
3
=0
5
1
-A
µ
TABLE 3D. LVPECL DC CHARACTERISTICS, V
CC = 3.3V±5%
OR
2.5V±5%, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
C
C
4
.
1
-V
C
C
9
.
0
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
C
C
0
.
2
-V
C
C
7
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P
6
.
00
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
C
C
.
V
2
-
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
112.7°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the
DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IK
L
C6
.
1V
C
C
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IK
L
C3
.
0
-9
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IK
L
CV
C
C
V
=
N
I
V
5
2
6
.
2
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IK
L
CV
C
C
V
=
N
I
V
5
2
6
.
2
=0
5
1
-A
µ
TABLE 3C. LVCMOS / LVTTL DC CHARACTERISTICS, V
CC = 2.5V±5%, T
A
= -40°C TO 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com