Electronic Components Datasheet Search
  English  ▼

X  

1899786 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1899786
Description  Base strip - EMSTB 2,5/19-GF-5,08
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1899786 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1899786 Datasheet HTML 1Page - PHOENIX CONTACT 1899786 Datasheet HTML 2Page - PHOENIX CONTACT 1899786 Datasheet HTML 3Page - PHOENIX CONTACT 1899786 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1899786
10/29/2014   Page 1 / 4
Base strip - EMSTB 2,5/19-GF-5,08 - 1899786
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 19, Pitch: 5.08 mm, Color:
green, Contact surface: Tin, Assembly: Press-in
The figure shows a 10-position
version of the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
10.2 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
12 mm
Pitch
5.08 mm
Dimension a
91.44 mm
Pin dimensions
1,7 mm
Hole diameter
1.75 mm
General
Range of articles
EMSTB 2,5/..-GF
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V


Similar Part No. - 1899786

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
189973-2 MACOM-189973-2 Datasheet
217Kb / 10P
626 Pneumatic Crimping Heads
logo
PHOENIX CONTACT
1899731 PHOENIX-1899731 Datasheet
147Kb / 6P
MSTBT 2,5/14-STF-5,08
1899757 PHOENIX-1899757 Datasheet
407Kb / 13P
FKC 2,5/16-STF-5,08
1899760 PHOENIX-1899760 Datasheet
111Kb / 4P
Base strip - EMSTB 2,5/17-GF-5,08
1899773 PHOENIX-1899773 Datasheet
111Kb / 4P
Base strip - EMSTB 2,5/18-GF-5,08
More results

Similar Description - 1899786

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1899760 PHOENIX-1899760 Datasheet
111Kb / 4P
Base strip - EMSTB 2,5/17-GF-5,08
1899773 PHOENIX-1899773 Datasheet
111Kb / 4P
Base strip - EMSTB 2,5/18-GF-5,08
1900112 PHOENIX-1900112 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/ 6-GF
1900125 PHOENIX-1900125 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/ 7-GF
1900154 PHOENIX-1900154 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/10-GF
1900167 PHOENIX-1900167 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/11-GF
1900196 PHOENIX-1900196 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/14-GF
1900248 PHOENIX-1900248 Datasheet
111Kb / 4P
Base strip - EMSTB 2,5/19-GF
1825297 PHOENIX-1825297 Datasheet
78Kb / 4P
Base strip - IC 2,5/19-GF-5,08
1825860 PHOENIX-1825860 Datasheet
80Kb / 4P
Base strip - ICV 2,5/19-GF-5,08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com