Electronic Components Datasheet Search
  English  ▼

X  

LM3706 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3706
Description  Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3706 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3706 Datasheet HTML 1Page - National Semiconductor (TI) LM3706 Datasheet HTML 2Page - National Semiconductor (TI) LM3706 Datasheet HTML 3Page - National Semiconductor (TI) LM3706 Datasheet HTML 4Page - National Semiconductor (TI) LM3706 Datasheet HTML 5Page - National Semiconductor (TI) LM3706 Datasheet HTML 6Page - National Semiconductor (TI) LM3706 Datasheet HTML 7Page - National Semiconductor (TI) LM3706 Datasheet HTML 8Page - National Semiconductor (TI) LM3706 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Ordering Information
20011604
*For other voltages between 2.2V and 5.0V, please contact National Semiconductor sales office.
LM3706/LM3707
Part Number
Output
Reset Timeout
Period
Watchdog
Timeout Period
Package
Marking
LM3706XQBP-308
totem-pole
200ms
1600ms
%%I6
LM3706XQBPX-308
totem-pole
200ms
1600ms
%%I6
LM3707XQBP-308
totem-pole
200ms
1600ms
%%I7
LM3707XQBPX-308
totem-pole
200ms
1600ms
%%I7
%% is the datecode and will vary with time.
Table Of Functions
Part
Number
Active
Low
Reset
Active
High
Reset
Output
(X = totem-pole)
(Y = open-drain)
Reset
Timeout
Period
Watchdog
Timeout
Period
Low
Line
Output
LM3706
x
X, Y*
Customized
Customized
x
LM3707
x
X
Customized
Customized
x
* = available upon request. Contact National
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com