Electronic Components Datasheet Search
  English  ▼

X  

1900167 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1900167
Description  Base strip - EMSTB 2,5/11-GF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1900167 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1900167 Datasheet HTML 1Page - PHOENIX CONTACT 1900167 Datasheet HTML 2Page - PHOENIX CONTACT 1900167 Datasheet HTML 3Page - PHOENIX CONTACT 1900167 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1900167
10/10/2014   Page 1 / 4
Base strip - EMSTB 2,5/11-GF - 1900167
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 11, Pitch: 5 mm, Color: green,
Contact surface: Tin, Assembly: Press-in
The figure shows a 10-position
version of the product
Product Features
 Press-in tools available on request
 Pin strips with ERNI-PRESS flexible press-in zone
 Processing according to EN 60352-5
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
6.7 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
12 mm
Pitch
5 mm
Dimension a
50 mm
Pin dimensions
1,7 mm
Hole diameter
1.75 mm
General
Range of articles
EMSTB 2,5/..-GF
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV


Similar Part No. - 1900167

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
19001 ARIES-19001 Datasheet
786Kb / 1P
QFP Prototyping Adapters
logo
Heyco.
19001 HEYCO-19001 Datasheet
152Kb / 2P
Snap Rivets
logo
Molex Electronics Ltd.
19001 MOLEX-19001 Datasheet
29Kb / 2P
Standard Quick-Disconnect Terminals
09/10/2018
19001 MOLEX-19001 Datasheet
29Kb / 2P
Standard Quick-Disconnect Terminals
09/10/2018
19001-0001 MOLEX-19001-0001 Datasheet
29Kb / 2P
Standard Quick-Disconnect Terminals
09/10/2018
More results

Similar Description - 1900167

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1900109 PHOENIX-1900109 Datasheet
139Kb / 4P
Base strip - EMSTB 2,5/ 5-GF
1900112 PHOENIX-1900112 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/ 6-GF
1900125 PHOENIX-1900125 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/ 7-GF
1900138 PHOENIX-1900138 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/ 8-GF
1900154 PHOENIX-1900154 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/10-GF
1900170 PHOENIX-1900170 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/12-GF
1900183 PHOENIX-1900183 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/13-GF
1900196 PHOENIX-1900196 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/14-GF
1900235 PHOENIX-1900235 Datasheet
112Kb / 4P
Base strip - EMSTB 2,5/18-GF
1900248 PHOENIX-1900248 Datasheet
111Kb / 4P
Base strip - EMSTB 2,5/19-GF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com