Electronic Components Datasheet Search
  English  ▼

X  

74LS126 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74LS126
Description  LOW POWER SCHOTTKY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS126 Datasheet(HTML) 3 Page - ON Semiconductor

  74LS126 Datasheet HTML 1Page - ON Semiconductor 74LS126 Datasheet HTML 2Page - ON Semiconductor 74LS126 Datasheet HTML 3Page - ON Semiconductor 74LS126 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SN74LS125A SN74LS126A
http://onsemi.com
3
Figure 1.
Figure 2.
Figure 3.
Figure 4.
VIN
VOUT
1.3 V
1.3 V
tPLH
tPHL
1.3 V
1.3 V
VIN
VOUT
1.3 V
1.3 V
tPHL
1.3 V
tPLH
1.3 V
VE
VE
VOUT
1.3 V
tPZL
1.3 V
tPLZ
1.3 V
≈ 1.3 V
VOL
0.5 V
VE
VOUT
1.3 V
tPZH
1.3 V
1.3 V
tPHZ
> VOH
≈ 1.3 V
0.5 V
VE
Figure 5.
VCC
RL
SW1
TO OUTPUT
UNDER TEST
CL
5 k
Ω
SW2
SWITCH POSITIONS
SYMBOL
SW1
SW2
tPZH
Open
Closed
tPZL
Closed
Open
tPLZ
Closed
Closed
tPHZ
Closed
Closed



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com