Electronic Components Datasheet Search
  English  ▼

X  

74LS145 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74LS145
Description  1-of-10 Decoder / Drvier Open-Collector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS145 Datasheet(HTML) 1 Page - ON Semiconductor

  74LS145 Datasheet HTML 1Page - ON Semiconductor 74LS145 Datasheet HTML 2Page - ON Semiconductor 74LS145 Datasheet HTML 3Page - ON Semiconductor 74LS145 Datasheet HTML 4Page - ON Semiconductor 74LS145 Datasheet HTML 5Page - ON Semiconductor 74LS145 Datasheet HTML 6Page - ON Semiconductor 74LS145 Datasheet HTML 7Page - ON Semiconductor 74LS145 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS145/D
SN74LS145
1-of-10 Decoder/Driver
Open-Collector
The SN74LS145, 1-of-10 Decoder/Driver, is designed to accept
BCD inputs and provide appropriate outputs to drive 10-digit
incandescent displays. All outputs remain off for all invalid binary
input conditions. It is designed for use as indicator/relay drivers or as
an open-collector logic circuit driver. Each of the high breakdown
output transistors will sink up to 80 mA of current. Typical power
dissipation is 35 mW. This device is fully compatible with all TTL
families.
• Low Power Version of 74145
• Input Clamp Diodes Limit High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
VOH
Output Voltage – High
15
V
IOL
Output Current – Low
24
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS145N
16 Pin DIP
2000 Units/Box
SN74LS145D
16 Pin
SOIC
D SUFFIX
CASE 751B
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1


Similar Part No. - 74LS145

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS145 MOTOROLA-74LS145 Datasheet
157Kb / 5P
1-OF-10 DECODER/DRIVER OPEN-COLLECTOR
logo
Texas Instruments
74LS145 TI-74LS145 Datasheet
204Kb / 5P
BCD-TO-DECIMAL DECODERS/DRIVERS
logo
Hitachi Semiconductor
74LS145 HITACHI-74LS145 Datasheet
67Kb / 6P
BCD-to-Decimal Decoders / Drivers(with 15V outputs)
More results

Similar Description - 74LS145

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS145 MOTOROLA-SN54LS145 Datasheet
157Kb / 5P
1-OF-10 DECODER/DRIVER OPEN-COLLECTOR
logo
NXP Semiconductors
74F537 PHILIPS-74F537 Datasheet
52Kb / 5P
1-of-10 decoder 3-State
1989 Jan 20
74HC42 PHILIPS-74HC42 Datasheet
41Kb / 6P
BCD to decimal decoder 1-of-10
December 1990
HEF4028B PHILIPS-HEF4028B Datasheet
47Kb / 5P
1-of-10 decoder
January 1995
logo
Texas Instruments
SN74ALS156 TI-SN74ALS156 Datasheet
109Kb / 7P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
logo
List of Unclassifed Man...
74141 ETC1-74141 Datasheet
88Kb / 2P
1-OF-10 DECODER/DRIVER (NIXIE)
logo
National Semiconductor ...
93L01 NSC-93L01 Datasheet
79Kb / 3P
1 - OF - 10 DECODER
logo
NXP Semiconductors
74HC_HCT42_CNV PHILIPS-74HC_HCT42_CNV_15 Datasheet
46Kb / 6P
BCD to decimal decoder (1-of-10)
December 1990
logo
Texas Instruments
SN74ALS156 TI1-SN74ALS156_14 Datasheet
463Kb / 14P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
logo
Nexperia B.V. All right...
74HC42 NEXPERIA-74HC42 Datasheet
979Kb / 12P
BCD to decimal decoder (1-of-10)
Rev. 3 - 27 September 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com