Electronic Components Datasheet Search
  English  ▼

X  

1920642 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1920642
Description  Printed-circuit board connector - MSTBVA 2,5/ 8-G RD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1920642 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1920642 Datasheet HTML 1Page - PHOENIX CONTACT 1920642 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1920642
10/29/2014   Page 1 / 2
Printed-circuit board connector - MSTBVA 2,5/ 8-G RD - 1920642
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Number of positions: 8, Pitch: 5 mm, Color: red, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
3.13 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
35 mm
General
Range of articles
MSTBVA 2,5/..-G
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Color
red
Number of positions
8
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637


Similar Part No. - 1920642

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
19206 FESTO-19206 Datasheet
36Kb / 2P
ISO cylinder
logo
Belden Inc.
19206 BELDEN-19206 Datasheet
149Kb / 2P
Portable Cordage, 3 C #12 Str BC, EPDM Ins, CPE Jkt, UL Type SO
01-20-2023
19206-010250 BELDEN-19206-010250 Datasheet
149Kb / 2P
Portable Cordage, 3 C #12 Str BC, EPDM Ins, CPE Jkt, UL Type SO
01-20-2023
logo
PHOENIX CONTACT
1920613 PHOENIX-1920613 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G BU
1920626 PHOENIX-1920626 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G YE
More results

Similar Description - 1920642

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1899197 PHOENIX-1899197 Datasheet
166Kb / 9P
Printed-circuit board connector - DFK-MSTBVA 2,5/ 8-G-5,08
1700489 PHOENIX-1700489 Datasheet
114Kb / 4P
Printed-circuit board connector - MSTBVA 2,5/ 2-G-5,08 RD
1760051 PHOENIX-1760051 Datasheet
67Kb / 4P
Printed-circuit board connector - MSTBVA 2,5/ 8-G-5,08 BK
1704833 PHOENIX-1704833 Datasheet
102Kb / 6P
Printed-circuit board connector - MSTBVA 2,5/ 4-G-5,08 RD
1746101 PHOENIX-1746101 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G AU
1751626 PHOENIX-1751626 Datasheet
184Kb / 8P
Printed-circuit board connector - MSTBVA 2,5/ 8-G GY7035
1920613 PHOENIX-1920613 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G BU
1920626 PHOENIX-1920626 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G YE
1920639 PHOENIX-1920639 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 8-G OG
1809322 PHOENIX-1809322 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/ 8-G-5,08-LR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com