Electronic Components Datasheet Search
  English  ▼

X  

LT8570 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8570
Description  Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8570 Datasheet(HTML) 1 Page - Analog Devices

  LT8570 Datasheet HTML 1Page - Analog Devices LT8570 Datasheet HTML 2Page - Analog Devices LT8570 Datasheet HTML 3Page - Analog Devices LT8570 Datasheet HTML 4Page - Analog Devices LT8570 Datasheet HTML 5Page - Analog Devices LT8570 Datasheet HTML 6Page - Analog Devices LT8570 Datasheet HTML 7Page - Analog Devices LT8570 Datasheet HTML 8Page - Analog Devices LT8570 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LT8331
1
Rev. C
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low IQ Boost/SEPIC/Flyback/Inverting
Converter with 0.5A, 140V Switch
The LT®8331 is a current mode DC/DC converter with a
140V, 0.5A switch operating from a 4.5V to 100V input.
With a unique single feedback pin architecture, it is capa-
ble of boost, SEPIC, flyback or inverting configurations.
Burst Mode operation consumes as low as 6μA quiescent
current to maintain high efficiency at very low output cur-
rents, while keeping typical output ripple below 20mV.
The internally-compensated current mode architecture
results in stable operation over a wide range of input and
output voltages and programmable switching frequencies
between 100kHz to 500kHz. A SYNC/MODE pin allows
synchronization to an external clock. It can also be used
to select between burst or pulse-skipping modes of opera-
tion. For increased efficiency, a BIAS pin can accept a
second input to supply the INTVCC regulator. Additional
features include frequency foldback and programmable
soft-start for controlling inductor current during start-up.
The LT8331 is available in a thermally-enhanced MSOP
package with four pins removed for high voltage spacings.
48V Output SEPIC Converter
APPLICATIONS
n
Wide Input Voltage Range: 4.5V to 100V
n
Ultralow Quiescent Current and Low Ripple
Burst Mode® Operation: IQ = 6µA
n
0.5A, 140V Power Switch
n
Positive or Negative Output Voltage Programming
with a Single Feedback Pin
n
Programmable Frequency (100kHz to 500kHz)
n
Synchronizable to an External Clock
n
BIAS Pin for Higher Efficiency
n
Programmable Undervoltage Lockout (UVLO)
n
Thermally-Enhanced High Voltage MSOP Package
n
AEC-Q100 Qualified for Automotive Applications
n
Industrial and Automotive
n
Telecom
n
Medical Diagnostic Equipment
n
Portable Electronics
Efficiency and Power Loss
8331 TA01a
•
34.8k
2.2µF
1M
59k
0.1µF
63.4k
1µF
VOUT = 48V
IN
SW1-2
EN/UVLO
LT8331
VIN
36V TO
72V
220 H
1M
220 H
150mA AT VIN = 36V
165mA AT VIN = 48V
190mA AT VIN = 72V
SYNC/MODE
GND
FBX
BIAS
SS
VOUT
450kHz
4.7µF
×4
1µF
×2
V
RT
INTVCC
EFFICIENCY
POWER LOSS
VIN = 36V
VIN = 48V
VIN = 72V
LOAD CURRENT (mA)
0
50
100
150
200
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
8331 TA01b
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LT8570

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8570 LINER-LT8570 Datasheet
663Kb / 34P
Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
logo
Analog Devices
LT8570 AD-LT8570 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8570-1 AD-LT8570-1 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
logo
Linear Technology
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
More results

Similar Description - LT8570

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
LT8330 LINER-LT8330 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
logo
Analog Devices
LT8334 AD-LT8334 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8365 AD-LT8365 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com