Electronic Components Datasheet Search
  English  ▼

X  

LTC1334 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1334
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1334 Datasheet(HTML) 2 Page - Analog Devices

  LTC1334 Datasheet HTML 1Page - Analog Devices LTC1334 Datasheet HTML 2Page - Analog Devices LTC1334 Datasheet HTML 3Page - Analog Devices LTC1334 Datasheet HTML 4Page - Analog Devices LTC1334 Datasheet HTML 5Page - Analog Devices LTC1334 Datasheet HTML 6Page - Analog Devices LTC1334 Datasheet HTML 7Page - Analog Devices LTC1334 Datasheet HTML 8Page - Analog Devices LTC1334 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2873
2
REV B
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supplies
VCC, VL .................................................... –0.3V to 7V
Generated Supplies
VDD ................................................VCC – 0.3V to 7.5V
VEE.........................................................–7.5V to 0.3V
SW............................................... –0.3V to (VDD + 0.3V)
CAP................................................. (VEE – 0.3V) to 0.3V
A/DO, B/RI ...................................................–15V to 15V
DI, 485/232, DE485/F232, RE485,
TE485, LB ................................................ –0.3V to 7V
SHDN, RO .......................................–0.3V to (VL + 0.3V)
Differential Terminator Voltage (Enabled)
(A/DO to B/RI) ..................................................... ±6V
Differential Terminator Voltage (Disabled)
(A/DO to B/RI) ................................................... ±30V
Operating Temperature
LTC2873C ............................................... 0°C to 70°C
LTC2873I .............................................–40°C to 85°C
LTC2873H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1 and 2)
8
9
TOP VIEW
UFD PACKAGE
24-LEAD (4mm × 5mm) PLASTIC QFN
10 11 12
24 23 22 21 20
6
5
4
3
2
1
VEE
RO
485/232
RE485
DE485/F232
DI
SHDN
NC
VCC
A/DO
GND
B/RI
VCC
VDD
7
14
15
16
17
18
19
13
25
VEE
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 25) IS VEE, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2873CUFD#PBF
LTC2873CUFD#TRPBF
2873
24-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
LTC2873IUFD#PBF
LTC2873IUFD#TRPBF
2873
24-Lead (4mm × 5mm) Plastic QFN
–
40°C to 85°C
LTC2873HUFD#PBF
LTC2873HUFD#TRPBF
2873
24-Lead (4mm × 5mm) Plastic QFN
–
40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC2873#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com