Electronic Components Datasheet Search
  English  ▼

X  

LTC3440 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3440
Description  Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3440 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3440 Datasheet HTML 3Page - Analog Devices LTC3440 Datasheet HTML 4Page - Analog Devices LTC3440 Datasheet HTML 5Page - Analog Devices LTC3440 Datasheet HTML 6Page - Analog Devices LTC3440 Datasheet HTML 7Page - Analog Devices LTC3440 Datasheet HTML 8Page - Analog Devices LTC3440 Datasheet HTML 9Page - Analog Devices LTC3440 Datasheet HTML 10Page - Analog Devices LTC3440 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3246
7
3246fa
For more information www.linear.com/LTC3246
TA = 25°C, unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Output Transient Response
Output Voltage Ripple
5µs/DIV
3246 G20
IN
V = 14V
OUT
V
= 5V
OUT
C
= 10µF
VOUT
50mV/DIV
440mA
IOUT
25mA
1µs/DIV
1:2 MODE
50mV/DIV
1:1 MODE
50mV/DIV
2:1 MODE
50mV/DIV
3246 G21
OUT
I
= 400mA
OUT
C
= 10µF
Charge Pump Output Reset Timing
Watchdog Timing
TIMING DIAGRAMS
RSTI
RST
tRSTIL
tRST
3246 TD01
WDI
RST
tWDR
tRST
3246 TD02
tRST
t < tWDL
tWDL < t < tWDU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com