Electronic Components Datasheet Search
  English  ▼

X  

LTC3443 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3443
Description  Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3443 Datasheet(HTML) 2 Page - Analog Devices

  LTC3443 Datasheet HTML 1Page - Analog Devices LTC3443 Datasheet HTML 2Page - Analog Devices LTC3443 Datasheet HTML 3Page - Analog Devices LTC3443 Datasheet HTML 4Page - Analog Devices LTC3443 Datasheet HTML 5Page - Analog Devices LTC3443 Datasheet HTML 6Page - Analog Devices LTC3443 Datasheet HTML 7Page - Analog Devices LTC3443 Datasheet HTML 8Page - Analog Devices LTC3443 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3246
2
3246fa
For more information www.linear.com/LTC3246
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SEL1, SEL2, WDI................................. –0.3V to 42V
VOUT, OUTS/ADJ, RSTI, WT, RT, BIAS, RST. –0.3V to 6V
IRST ........................................................................10mA
VOUT Short Circuit Duration ............................. Indefinite
Lead Temperature (Soldering, 10 sec)...................300°C
Operating Junction Temperature Range (Notes 3, 4)
(E-Grade/I-Grade) .................................. –40 to 125°C
(H-Grade)...............................................–40 to 150°C
(MP-Grade)............................................–55 to 150°C
Storage Temperature Range ......................–65 to 150°C
(Notes 1, 2)
1
2
3
4
5
6
7
8
WT
RT
RSTI
BIAS
SEL2
VIN
SEL1
BIAS
16
15
14
13
12
11
10
9
OUTS/ADJ
GND
RST
C–
VOUT
C+
WDI
VIN
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
17
TJMAX = 150°C, JA = 40°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Input Voltage Range
(Note 5)
l
2.7
38
V
VUVLO
VIN Undervoltage Lockout Threshold
l
2.35
2.7
V
IVIN
VIN Quiescent Current
Shutdown
CP Enabled, Output in Regulation
SEL1 = SEL2 = 0V
SEL1 = VIN and/or SEL2 = VIN, RSTI = 5V
1.5
20
3
30
µA
µA
VHIGH
SEL1, SEL2 Input Voltage
l
1.1
1.6
V
VLOW
SEL1, SEL2 Input Voltage
l
0.4
0.8
V
ILOW
SEL1, SEL2 Input Current
VPIN = 0V
l
–1
0
1
µA
IHIGH
SEL1, SEL2 Input Current
VPIN = 38V
l
0.5
1
2
µA
Charge Pump Operation
VOUTS_5
VOUTS/ADJ Regulation Voltage
SEL1 = 0V, SEL2 = VIN
2.7V < VIN < 38V (Notes 5, 6)
l
4.8
5.2
V
VOUTS_3
VOUTS/ADJ Regulation Voltage
SEL1 = VIN, SEL2 = VIN
2.7V < VIN < 38V (Notes 5, 6)
l
3.17
3.43
V
VADJ
VOUTS/ADJ Regulation Voltage
SEL1 = VIN, SEL2 = 0V
2.7V < VIN < 38V (Notes 5, 6)
l
1.08
1.11
1.14
V
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, CFLY = 2.2µF, COUT = 10µF, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3246EMSE#PBF
LTC3246EMSE#TRPBF
3246
16-Lead Plastic MSOP
–40°C to 125°C
LTC3246IMSE#PBF
LTC3246IMSE#TRPBF
3246
16-Lead Plastic MSOP
–40°C to 125°C
LTC3246HMSE#PBF
LTC3246HMSE#TRPBF
3246
16-Lead Plastic MSOP
–40°C to 150°C
LTC3246MPMSE#PBF
LTC3246MPMSE#TRPBF 3246
16-Lead Plastic MSOP
–55°C to 150°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult ADI Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
http://www.linear.com/product/LTC3246#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com