Electronic Components Datasheet Search
  English  ▼

X  

LTC2863 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC2863
Description  짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2863 Datasheet(HTML) 3 Page - Analog Devices

  LTC2863 Datasheet HTML 1Page - Analog Devices LTC2863 Datasheet HTML 2Page - Analog Devices LTC2863 Datasheet HTML 3Page - Analog Devices LTC2863 Datasheet HTML 4Page - Analog Devices LTC2863 Datasheet HTML 5Page - Analog Devices LTC2863 Datasheet HTML 6Page - Analog Devices LTC2863 Datasheet HTML 7Page - Analog Devices LTC2863 Datasheet HTML 8Page - Analog Devices LTC2863 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC2862A
3
2862af
For more information www.linear.com/LTC2862A
elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VCC
Primary Power Supply
l
3
5.5
V
ICCS
Supply Current in Shutdown Mode
(C-, I-Grade)
DE = 0V, RE = VCC
l
0
10
µA
Supply Current in Shutdown Mode
(H-, MP-Grade)
DE = 0V, RE = VCC
l
0
40
µA
ICCTR
Supply Current with Both Driver and
Receiver Enabled (LTC2862A-1)
No Load, DE = VCC, RE = 0V
l
1.1
1.6
mA
ICCR
Supply Current with Receiver Enabled
(LTC2862A-1)
No Load, DE = RE = 0V
l
1.0
1.4
mA
ICCTRS
Supply Current with Both Driver and
Receiver Enabled (LTC2862A-2)
No Load, DE = VCC, RE = 0V
l
3.5
8
mA
ICCRS
Supply Current with Receiver Enabled
(LTC2862A-2)
No Load, DE = RE = 0V
l
1.3
1.8
mA
Driver
|VOD|
Differential Driver Output Voltage
R = ∞ (Figure 1)
l
1.5
3
VCC
V
R = 27Ω (Figure 1)
l
1.5
2
5
V
R = 50Ω (Figure 1)
l
2
2.3
VCC
V
Δ|VOD|
Change in Magnitude of Driver Differential
Output Voltage
R = 27Ω or 50Ω (Figure 1)
l
0
0.2
V
VOC
Driver Common-Mode Output Voltage
R = 27Ω or 50Ω (Figure 1)
l
2
3
V
Δ|VOC|
Change in Magnitude of Driver
Common-Mode Output Voltage
R = 27Ω or 50Ω (Figure 1)
l
0
0.2
V
IOSD
Maximum Driver Short-Circuit Current
–60V ≤ (A or B) ≤ 60V (Figure 2)
l
±150
±250
mA
Receiver
IIN
Receiver Input Current (A, B)
VCC = 0V or 3.3V, VIN = 12V (Figure 3)
l
143
µA
VCC = 0V or 3.3V, VIN = –7V (Figure 3)
l
–100
µA
RIN
Receiver Input Resistance
0 ≤ VCC ≤ 5.5V, VIN = –25V or 25V (Figure 3)
112
kΩ
VCM
Receiver Common Mode Input Voltage
(A + B)/2
l
–25
25
V
VTH+
Positive Differential Input Signal Threshold
Voltage (A – B)
–25V ≤ VCM ≤ 25V
l
125
200
mV
VTH–
Negative Differential Input Signal Threshold
Voltage (A – B)
–25V ≤ VCM ≤ 25V
l
–200
–125
mV
ΔVTH
Differential Input Signal Hysteresis
(VTH+ – VTH–)
VCM = 0V
250
mV
VTFS
Differential Input Failsafe Threshold Voltage –25V ≤ VCM ≤ 25V
l
–200
–75
–10
mV
ΔVTFS
Differential Input Failsafe Hysteresis
(VTFS – VTH–)
VCM = 0V
50
mV
VOH
Receiver Output High Voltage
I(RO) = –3mA (Sourcing)
l
VCC –0.4V VCC –0.2V
V
VOL
Receiver Output Low Voltage
I(RO) = 3mA (Sinking)
l
0.2
0.4
V
IOZR
Receiver Three-State (High Impedance)
Output Current on RO
RE = High, VCC = 5V, RO = 0V or VCC
l
–32
5
µA
IOSR
Receiver Short-Circuit Current
RE = Low, RO = 0V or VCC
l
±20
mA
CIN
Input Capacitance (A and B)
(Note 5)
50
pF
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com