Electronic Components Datasheet Search
  English  ▼

X  

LTC2864 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2864
Description  짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2864 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2864 Datasheet HTML 7Page - Analog Devices LTC2864 Datasheet HTML 8Page - Analog Devices LTC2864 Datasheet HTML 9Page - Analog Devices LTC2864 Datasheet HTML 10Page - Analog Devices LTC2864 Datasheet HTML 11Page - Analog Devices LTC2864 Datasheet HTML 12Page - Analog Devices LTC2864 Datasheet HTML 13Page - Analog Devices LTC2864 Datasheet HTML 14Page - Analog Devices LTC2864 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC2862A
11
2862af
For more information www.linear.com/LTC2862A
TesT circuiTs
RECEIVER
CL
RO
VCM
±VAB/2
±VAB/2
A
B
2862A FO6a
tPLHR
tPHLR
VAB
VCC
–VAB
A–B
RO
0
tRR
tFR
90%
90%
2862A F06b
10%
10%
0
1/2 VCC
1/2 VCC
tSKEWR = |tPLHR – tPHLR|
RECEIVER
CL
RL
RO
RE
A
B
2862A FO7a
0V OR VCC
DI = 0V OR VCC
VCC OR 0V
1/2 VCC
tZLR,
tZLSR
tZHR,
tZHSR
tHZR,
tSHDNR
VCC
1/2 VCC
VOL
VOH
1/2 VCC
0V
RE
RO
RO
2862A F07b
tLZR
1/4 VCC
1/4 VCC
3/4 VCC
3/4 VCC
1/2 VCC
Figure 6. Receiver Propagation Delay Measurements
Figure 7. Receiver Enable/Disable Time Measurements
Figure 8. Failsafe Delay Measurements
RECEIVER
CL
RO
VCM
±VAB/2
±VAB/2
A
B
2862A FO8a
tPFSN, tPFSNS
tPFSX, tPFSXS
0
VCC
–VAB
A–B
RO
0
2862A F08b
–200mV
1/2 VCC
1/2 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com