Electronic Components Datasheet Search
  English  ▼

X  

LTC2865 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2865
Description  짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2865 Datasheet(HTML) 4 Page - Analog Devices

  LTC2865 Datasheet HTML 1Page - Analog Devices LTC2865 Datasheet HTML 2Page - Analog Devices LTC2865 Datasheet HTML 3Page - Analog Devices LTC2865 Datasheet HTML 4Page - Analog Devices LTC2865 Datasheet HTML 5Page - Analog Devices LTC2865 Datasheet HTML 6Page - Analog Devices LTC2865 Datasheet HTML 7Page - Analog Devices LTC2865 Datasheet HTML 8Page - Analog Devices LTC2865 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC2862A
4
2862af
For more information www.linear.com/LTC2862A
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic
VTH
Input Threshold Voltage (DE, DI, RE)
3.0 ≤ VCC ≤ 5.5V
l
0.33 • VCC
0.67 • VCC
V
IINL
Logic Input Current (DE, DI, RE)
0 ≤ VIN ≤ VCC
l
0
±5
µA
ESD (Note 5)
ESD Protection Level of Interface Pins
(A,B), Powered or Unpowered
Human Body Model, A or B to GND,
VCC, B or A, 1μF Between VCC and GND
±40kV
kV
IEC 61000-4-2 ESD Level 4, Contact, 1μF
Between VCC and GND
±8kV
kV
ESD Protection Level of All Other Pins
(RO, RE, DE, DI, VCC, GND)
Human Body Model
±15kV
kV
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver – High Speed (LTC2862A-1)
fMAX
Maximum Data Rate
(Note 3)
l
20
Mbps
tPLHD, tPHLD
Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
25
50
ns
ΔtPD
Driver Input to Output Difference
|tPLHD – tPHLD|
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
2
5
ns
tSKEWD
Driver Output A to Output B
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
±10
ns
tRD, tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
4
15
ns
tZLD, tZHD
Driver Enable Time
RL = 27Ω, CL = 100pF,
RE = 0V (Figure 5)
l
25
50
ns
tLZD, tHZD
Driver Disable Time
RL = 27Ω, CL = 100pF,
RE = 0V (Figure 5)
l
45
75
ns
tZHSD, tZLSD
Driver Enable from Shutdown
RL = 27Ω, CL = 100pF,
RE = High (Figure 5)
l
5
10
µs
tSHDND
Time to Shutdown
RL = 27Ω, CL = 100pF,
RE = High (Figure 5)
l
50
90
ns
Driver – Slew Rate Limited (LTC2862A-2)
fMAXS
Maximum Data Rate
(Note 3)
l
250
kbps
tPLHDS, tPHLDS Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
850
1500
ns
ΔtPDS
Driver Input to Output Difference
|tPLHDS – tPHLDS|
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
10
150
ns
tSKEWDS
Driver Output A to Output B
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
±500
ns
tRDS, tFDS
Driver Rise or Fall Time
RDIFF = 54Ω, CL =100pF (Figure 4)
l
500
800
1200
ns
tZLDS, tZHDS
Driver Enable Time
RL = 27Ω, CL = 100pF,
RE = 0V (Figure 5)
l
400
800
ns
tLZDS, tHZDS
Driver Disable Time
RL = 27Ω, CL = 100pF,
RE = 0V (Figure 5)
l
45
75
ns
tZHSDS, tZLSDS Driver Enable from Shutdown
RL = 27Ω, CL = 100pF,
RE = High (Figure 5)
l
6
11
µs
swiTchinG characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com