Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM2885
Description  짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 12Page - Analog Devices LTM2885 Datasheet HTML 13Page - Analog Devices LTM2885 Datasheet HTML 14Page - Analog Devices LTM2885 Datasheet HTML 15Page - Analog Devices LTM2885 Datasheet HTML 16Page - Analog Devices LTM2885 Datasheet HTML 17Page - Analog Devices LTM2885 Datasheet HTML 18Page - Analog Devices LTM2885 Datasheet HTML 19Page - Analog Devices LTM2885 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC2862A
16
2862af
For more information www.linear.com/LTC2862A
driver transition may exceed the hysteresis levels on the
logic and data input pins, causing an unintended state
change. This can be avoided by maintaining normal logic
levels on the pins and by slewing inputs faster than 1V/μs.
Good supply decoupling and proper driver termination
also reduce glitches caused by driver transitions.
RS485 Cable Length vs Data Rate
Many factors contribute to the maximum cable length
that can be used for RS485 or RS422 communication,
including driver transition times, receiver threshold, duty
cycle distortion, cable properties and data rate. A typical
curve of cable length versus maximum data rate is shown
in Figure 10. Various regions of this curve reflect different
performance limiting factors in data transmission.
Atfrequenciesbelow100kbps,themaximumcablelengthis
determined by DC resistance in the cable. In this example,
a cable longer than 4000ft will attenuate the signal at the
far end to less than what can be reliably detected by the
receiver.
For data rates above 100kbps the capacitive and inductive
properties of the cable begin to dominate this relationship.
The attenuation of the cable is frequency and length
dependent, resulting in increased rise and fall times at
the far end of the cable. At high data rates or long cable
lengths, these transition times become a significant part
of the signal bit time. Jitter and intersymbol interference
aggravate this so that the time window for capturing valid
data at the receiver becomes impossibly small.
The boundary at 20Mbps in Figure  10 represents the
guaranteed maximum operating rate of the LTC2862A-1.
Thedashedverticallineat10Mbpsrepresentsthespecified
maximum data rate in the RS485 standard. This boundary
is not a limit, but reflects the maximum data rate that the
specification was written for.
It should be emphasized that the plot in Figure 10 shows
a typical relation between maximum data rate and cable
length. Results with the LTC2862A will vary, depending on
cable properties such as conductor gauge, characteristic
impedance, insulation material, and solid versus stranded
conductors.
Low EMI 250kbps Data Rate
The LTC2862A-2 features slew rate limited transmitters
for low electromagnetic interference (EMI) in sensitive
applications. The slew rate limit circuit maintains
consistent control of transmitter slew rates across voltage
and temperature to ensure low EMI under all operating
conditions. Figure  11 demonstrates the reduction in
high frequency content achieved by the 250kbps mode
compared to the 20Mbps mode.
The 250kbps mode has the added advantage of reducing
signal reflections in an unterminated network, and there-
by increasing the length of a network that can be used
without termination. Using the rule of thumb that the rise
time of the transmitter should be greater than four times
the one-way delay of the signal, networks of up to 140
feet can be driven without termination.
applicaTions inForMaTion
Figure 10. Cable Length vs Data Rate (RS485/RS422 Standard
Shown in Vertical Dashed Line)
Figure 11. High Frequency EMI Reduction of Slew Limited
250kbps Mode Compared to Non Slew Limited 20Mbps Mode
DATA RATE (bps)
10k
10
100
1k
10k
100k
1M
10M
2862A F10
100M
LOW EMI
MODE
LTC2862A-2
RS485
STANDARD
SPEC
FREQUENCY (MHz)
0
–120
–40
–60
–80
–100
–20
0
20
–60
20
0
–20
–40
40
60
80
2
4
6
8
10
2862A F11
12
NON SLEW LIMITED
SLEW LIMITED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com