Electronic Components Datasheet Search
  English  ▼

X  

74LS14 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74LS14
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS14 Datasheet(HTML) 1 Page - ON Semiconductor

  74LS14 Datasheet HTML 1Page - ON Semiconductor 74LS14 Datasheet HTML 2Page - ON Semiconductor 74LS14 Datasheet HTML 3Page - ON Semiconductor 74LS14 Datasheet HTML 4Page - ON Semiconductor 74LS14 Datasheet HTML 5Page - ON Semiconductor 74LS14 Datasheet HTML 6Page - ON Semiconductor 74LS14 Datasheet HTML 7Page - ON Semiconductor 74LS14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS147/D
SN74LS147 SN74LS148
10-Line-to-4-Line
and 8-Line-to-3-Line
Priority Encoders
The SN74LS147 and the SN74LS148 are Priority Encoders. They
provide priority decoding of the inputs to ensure that only the highest
order data line is encoded. Both devices have data inputs and outputs
which are active at the low logic level.
The LS147 encodes nine data lines to four-line (8-4-2-1) BCD. The
implied decimal zero condition does not require an input condition
because zero is encoded when all nine data lines are at a high logic
level.
The LS148 encodes eight data lines to three-line (4-2-1) binary
(octal). By providing cascading circuitry (Enable Input EI and Enable
Output EO) octal expansion is allowed without needing external
circuitry.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS147N
16 Pin DIP
2000 Units/Box
SN74LS147D
16 Pin
SOIC
D SUFFIX
CASE 751B
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1
SN74LS148N
16 Pin DIP
SN74LS148D
16 Pin
2000 Units/Box
2500/Tape & Reel


Similar Part No. - 74LS14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS14 MOTOROLA-74LS14 Datasheet
62Kb / 3P
SCHMITT TRIGGERS DUAL GATE/HEX INVERTER
logo
Texas Instruments
74LS14 TI-74LS14 Datasheet
363Kb / 11P
HEX SCHMITT-TRIGGER INVERTERS
logo
System Logic Semiconduc...
74LS14 SLS-74LS14 Datasheet
28Kb / 4P
Hex Schmitt-Trigger Inverter
logo
Fairchild Semiconductor
74LS14 FAIRCHILD-74LS14 Datasheet
61Kb / 5P
Hex Inverter with Schmitt Trigger Inputs
logo
Hitachi Semiconductor
74LS14 HITACHI-74LS14 Datasheet
47Kb / 5P
Hex Schmitt Trigger Inverters
More results

Similar Description - 74LS14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com