Electronic Components Datasheet Search
  English  ▼

X  

EC1SA03N Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC1SA03N
Description  1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC1SA03N Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC1SA03N Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC1SA03N Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V28
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
℃
INPUT SPECIFICATIONS :
GENERAL SPECIFICATIONS:
Input Voltage Range ….………………....................................... ±10%
Efficiency …........................................……….…………….......... See Table
Input Surge Voltage (100ms max.) ………….. 5V ................ 9Vdc max.
Isolation Voltage …....................................…….………....... 1500 VDC min.
12V ……...... 18Vdc max.
Isolation Resistance …..................…….…………….………. 10
9 ohm min.
24V ……..… 30Vdc max.
Isolation Capacitance …………………..………………………….. 10pF typ.
Input Filter ……………………………………………..……… Capacitive
Switching Frequency …..........................………................... 100KHz typ.
OUTPUT SPECIFICATIONS :
24Vin …..….... 75KHz typ.
Voltage Accuracy ………………….…………………......… ±3.0% max.
Operating Ambient Temperature Range …………………… -40
to +85
℃
℃
Voltage Balance (Dual) ………………………………….………±1.0% max.
Ripple & Noise, 20MHz BW …..... SIP Models ..........… 75mV pk-pk max.
De-rating, Above 85
…………...……… Linearly to Zero power at 100
℃
℃
SMD Models …….. 120mV pk-pk max.
Case temperature (note5) ………..………….………..…..……+100
max.
℃
Temperature Coefficient …..........................………………..... ±0.05%/℃
Cooling ……………………………………..….……….. Natural Convection
Short Circuit Protection …..................….………… Momentary 1sec. max.
Storage Temperature Range ……….........………..…..... -55
to +125
℃
℃
Line Regulation (note1) ..….……………..…………………….. ±1.2% max.
Humidity .................................................... 95% RH max. Non condensing
Load Regulation (note2) ………………..……......……………. ±10% max.
MTBF ………. MIL-HDBK-217F, GB ..……..………………… 1.5Mhrs min.
NOTE:
Lead-Free Reflow Solder Process (SMD Models) ….. Meet J-STD-020D.1
1. Line regulation is per 1.0% change in input voltage.
Dimensions:
2. Load regulation is for load change from 100% to 20%.
SIP Models …………...…... 0.77x0.24x0.40 inches(19.5x6.1x10.2 mm)
3. The output noise is measured with 0.33uF ceramic capacitor.
SIP Models(24Vin) ……...... 0.77x0.28 x0.40 inches(19.5x7.2x10.2 mm)
4. Suffix “S” to the model number with SMD packages, 5&12Vin
SMD Models(Single) …...... 0.54×0.36×0.29 Inches (13.7×9.2×7.4 mm)
models only.
SMD Models(Dual) …...... 0.64×0.36×0.29 Inches (16.2×9.2×7.4 mm)
5. Maximum case temperature under any operating condition should
Case Material ………………………….……… Non-conductive black plastic
not be exceeded 100
.
℃
Weight ………..………………………………… 24Vin …..…..…………. 2.7g
6. The EC1SA2XN input terminal need to parallel with 4.7uF
Others …….………….. 1.8g
ceramic capacitor.
SMD Tpye ………….. 1.4g
CASE Miniature:
0.08 [2.1]
2
1
4
6
5
0.77 [19.5]
0.100 [2.54]
0.73 [18.5]
Dual Output
Single Output
Pin
+V Output
+V Output
6
-V Input
2
-V Output
No Pin
5
4
+V Input
1
Common
PIN CONNECTION
X.X±0.25
X.XX±0.01
SIP PACKAGES
Pin
±0.002
X.XXX±0.005
±0.05
X.XX±0.13
All Dimensions In Inches(mm)
Tolerance
Inches
Millimeters
2
1
4
6
5
0.020[0.50]
0.73 [18.5]
0.020[0.50]
24Vin
-V Input
-V Output
+V Input
NA:Not Available for Electrical Connection
1
2
3
4
8
7
6
5
Single Output
Pin
+V Output
5
+V Input
2
-V Output
4
3
-V Input
1
PIN CONNECTION
0.12(3.0)
0.300(7.62)
5-0.024(0.60)
0.100(2.54)
0.54(13.7)
6
7
NA
8
No Pin
No Pin
No Pin
0.39(9.8)
0.44(11.2)
1
2
4
3
5
6
7
8
9
10
6-0.024(0.60)
0.100(2.54)
0.300(7.60)
0.120(3.00)
0.400(10.2)
0.44(11.2)
0.39(9.8)
NA:Not Available for Electrical Connection
Dual Output
Pin
-V Output
5
+V Input
2
Common
4
3
-V Input
1
PIN CONNECTION
6
7
8
No Pin
No Pin
9
10
NA
No Pin
No Pin
+V Output
SMD PACKAGES
0.64(16.2)
Typical Derating curve for Natural Convection
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(
oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com