Electronic Components Datasheet Search
  English  ▼

X  

SN74LS174 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS174
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS174 Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS174 Datasheet HTML 1Page - ON Semiconductor SN74LS174 Datasheet HTML 2Page - ON Semiconductor SN74LS174 Datasheet HTML 3Page - ON Semiconductor SN74LS174 Datasheet HTML 4Page - ON Semiconductor SN74LS174 Datasheet HTML 5Page - ON Semiconductor SN74LS174 Datasheet HTML 6Page - ON Semiconductor SN74LS174 Datasheet HTML 7Page - ON Semiconductor SN74LS174 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS174/D
SN74LS174
Hex D Flip-Flop
The LSTTL / MSI SN74LS174 is a high speed Hex D Flip-Flop. The
device is used primarily as a 6-bit edge-triggered storage register. The
information on the D inputs is transferred to storage during the LOW
to HIGH clock transition. The device has a Master Reset to
simultaneously clear all flip-flops. The LS174 is fabricated with the
Schottky barrier diode process for high speed and is completely
compatible with all ON Semiconductor TTL families.
• Edge-Triggered D-Type Inputs
• Buffered-Positive Edge-Triggered Clock
• Asynchronous Common Reset
• Input Clamp Diodes Limit High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS174N
16 Pin DIP
2000 Units/Box
SN74LS174D
16 Pin
SOIC
D SUFFIX
CASE 751B
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1


Similar Part No. - SN74LS174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS174 TI-SN74LS174 Datasheet
318Kb / 7P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74LS174 TI-SN74LS174 Datasheet
403Kb / 13P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74LS174 TI-SN74LS174 Datasheet
668Kb / 14P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74LS174 TI2-SN74LS174 Datasheet
494Kb / 16P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
REVISED OCTOBER 2001
logo
Motorola, Inc
SN74LS174D MOTOROLA-SN74LS174D Datasheet
75Kb / 3P
HEX D FLIP-FLOP
More results

Similar Description - SN74LS174

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS42 ONSEMI-SN74LS42 Datasheet
107Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com