Electronic Components Datasheet Search
  English  ▼

X  

IN74ACT74 Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74ACT74
Description  DUAL D FLIP-FLOP WITH SET AND RESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT74 Datasheet(HTML) 4 Page - Integral Corp.

  IN74ACT74 Datasheet HTML 1Page - Integral Corp. IN74ACT74 Datasheet HTML 2Page - Integral Corp. IN74ACT74 Datasheet HTML 3Page - Integral Corp. IN74ACT74 Datasheet HTML 4Page - Integral Corp. IN74ACT74 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74ACT74
4
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
145
125
MHz
tPLH
Propagation Delay, Clock to Q or Q
(Figure 1)
4.0
11.0
4.0
13.0
ns
tPHL
Propagation Delay, Clock to Q or Q
(Figure 1)
3.5
10.0
3.0
11.5
ns
tPLH
Propagation Delay, Set or Reset to Q or Q
(Figure 2)
3.0
9.5
2.5
10.5
ns
tPHL
Propagation Delay, Set or Reset to Q or Q
(Figure 2)
3.0
10.0
3.0
11.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,VCC=5.0 V
CPD
Power Dissipation Capacitance
35
pF
TIMING REQUIREMENTS(VCC=5.0 V ± 10%, CL=50pF, Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Data to Clock (Figure
3)
3.0
3.5
ns
th
Minimum Hold Time, Clock to Data (Figure
3)
1.0
1.0
ns
tw
Minimum Pulse Width, Clock, Set or Reset
(Figures 1,2)
5.0
6.0
ns
trec
Minimum Recovery Time, Set or Reset to
Clock (Figure 2)
0
0
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com