Electronic Components Datasheet Search
  English  ▼

X  

IN74ACT74D Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74ACT74D
Description  DUAL D FLIP-FLOP WITH SET AND RESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT74D Datasheet(HTML) 1 Page - Integral Corp.

  IN74ACT74D Datasheet HTML 1Page - Integral Corp. IN74ACT74D Datasheet HTML 2Page - Integral Corp. IN74ACT74D Datasheet HTML 3Page - Integral Corp. IN74ACT74D Datasheet HTML 4Page - Integral Corp. IN74ACT74D Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN74ACT74
1
DUAL D FLIP-FLOP WITH SET AND RESET
High-Speed Silicon-Gate CMOS
The IN74ACT74 is identical in pinout to the LS/ALS74,
HC/HCT74. The IN74ACT74 may be used as a level converter
for interfacing TTL or NMOS outputs to High Speed CMOS
inputs.
This device consists of two D flip-flops with individual Set,
Reset, and Clock inputs. Information at a D-input is transferred to
the corresponding Q output on the next positive going edge of
the clock input. Both Q and Q outputs are available from each
flip-flop. The Set and Reset inputs are asynchronous.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
ORDERING INFORMATION
IN74ACT74N Plastic
IN74ACT74D SOIC
TA = -40° to 85° C for all
packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Set
Rese
t
Clock
Data
Q
Q
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H
*
H
*
H
H
H
H
L
H
H
L
L
H
H
H
L
X
No Change
H
H
H
X
No Change
H
H
X
No Change
*Both outputs will remain high as long as Set
and Reset are low, but the output states are
unpredictable if Set and Reset go high
simultaneously.
X = don’t care


Similar Part No. - IN74ACT74D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT74D IKSEMICON-IN74ACT74D Datasheet
222Kb / 6P
Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74ACT74D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74VHC74 INTEGRAL-IN74VHC74 Datasheet
295Kb / 7P
DUAL D FLIP-FLOP WITH SET AND RESET
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
Dual D Flip-Flop with Set and Reset
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
DUAL D FLIP-FLOP WITH SET AND RESET
KK74HC74A KODENSHI-KK74HC74A Datasheet
241Kb / 6P
Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
Dual D Flip-Flop with Set and Reset
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A_14 Datasheet
103Kb / 5P
Dual D Flip-Flop with Set and Reset
September, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com