Electronic Components Datasheet Search
  English  ▼

X  

EC2SAN Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC2SAN
Description  2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC2SAN Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC2SAN Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC2SAN Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V13
1
︳
EC2SAN SERIES
2WATT, UNREGULATED OUTPUT
DC-DC CONVERTERS
FEATURES
* Industry Standard SIP Packages
* Efficiency up to 86%
* 1000VDC Isolation
* Low Cost
* Unregulated Outputs
* Industry Standard Pinout
* No Tantalum Capacitors inside
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD
FULL LOAD
%
EFF.
CAPACITOR
LOAD MAX.
EC2SA01N
5 VDC
5 VDC
400 mA
60 mA
488 mA
82
470uF
EC2SA02N
5 VDC
12 VDC
167 mA
60 mA
466 mA
86
470uF
EC2SA03N
5 VDC
15 VDC
134 mA
60 mA
473 mA
85
470uF
EC2SA04N
5 VDC
±12 VDC
±83 mA
60 mA
463 mA
86
470uF
EC2SA05N
5 VDC
±15 VDC
±67 mA
60 mA
467 mA
86
470uF
EC2SA06N
5 VDC
±5 VDC
±200 mA
60 mA
482 mA
83
470uF
EC2SA11N
12 VDC
5 VDC
400 mA
40 mA
203 mA
82
470uF
EC2SA12N
12 VDC
12 VDC
167 mA
40 mA
201 mA
83
470uF
EC2SA13N
12 VDC
15 VDC
134 mA
40 mA
199 mA
84
470uF
EC2SA14N
12 VDC
±12 VDC
±83 mA
40 mA
202 mA
82
470uF
EC2SA15N
12 VDC
±15 VDC
±67 mA
40 mA
199 mA
84
470uF
EC2SA16N
12 VDC
±5 VDC
±200 mA
40 mA
203 mA
82
470uF
EC2SA21N
24 VDC
5 VDC
400 mA
20 mA
105 mA
79
470uF
EC2SA22N
24 VDC
12 VDC
167 mA
20 mA
103 mA
81
470uF
EC2SA23N
24 VDC
15 VDC
134 mA
20 mA
102 mA
82
470uF
EC2SA24N
24 VDC
±12 VDC
±83 mA
20 mA
102 mA
81
470uF
EC2SA25N
24 VDC
±15 VDC
±67 mA
20 mA
102 mA
82
470uF
EC2SA26N
24 VDC
±5 VDC
±200 mA
20 mA
105 mA
79
470uF
NOTE: 1. Nominal Input Voltage 5, 12 or 24 VDC


Similar Part No. - EC2SAN

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC2SANH CINCON-EC2SANH Datasheet
363Kb / 2P
2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
More results

Similar Description - EC2SAN

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
PWS725A BURR-BROWN-PWS725A Datasheet
68Kb / 6P
Isolated, Unregulated DC/DC CONVERTERS
logo
Murata Power Solutions ...
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
1.5 Watts Unregulated DC/DC Converters
logo
RSG Electronic Componen...
DS3-XX3.3-2 RSG-DS3-XX3.3-2 Datasheet
61Kb / 1P
Single output unregulated DC/DC converters 2W
DS3-XX05D RSG-DS3-XX05D Datasheet
63Kb / 1P
Dual output unregulated DC/DC converters 2W
DS3-XX3.3D RSG-DS3-XX3.3D Datasheet
60Kb / 1P
Dual output unregulated DC/DC converters 1W
DS3-XX3.3 RSG-DS3-XX3.3 Datasheet
59Kb / 1P
Single output unregulated DC/DC converters 1W
logo
CINCON ELECTRONICS Corp...
EC1SAN CINCON-EC1SAN Datasheet
250Kb / 2P
1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
EC1TAN CINCON-EC1TAN Datasheet
173Kb / 2P
1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
EC2SANH CINCON-EC2SANH Datasheet
363Kb / 2P
2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com