Electronic Components Datasheet Search
  English  ▼

X  

EC2SANH Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC2SANH
Description  2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC2SANH Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC2SANH Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC2SANH Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.cincon.com
REVISION: May 16, 2019 V10
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃Unless Otherwise Noted
INPUT SPECIFICATIONS :
GENERAL SPECIFICATIONS :
Input Voltage Range ..............................……………………..... ±10%
Efficiency .........................................…………..…………............ See Table
Input Surge Voltage (100ms max.) ………... 5V ................ 9Vdc max.
Isolation Voltage .................................……....………......... 3000 VDC min.
12V …......... 18Vdc max.
Isolation Resistance .....................…….……..………..……… 10
9 ohm min.
24V ……… 30Vdc max.
Isolation Capacitance …………………..…………………………….. 18 pF typ.
Input Filter (note 5) ..………..……………………….…..……… Capacitive
Switching Frequency ..................................................................... 60KHz typ.
OUTPUT SPECIFICATIONS :
Operating Ambient Temperature Range ...………...…….... -40℃ to +105℃
Voltage Accuracy …………………....……………….........… ±3.0% max.
De-rating, Above 85℃ …………………..……………… See Derating Curve
Voltage Balance (Dual) …………………………………….... ±1.0% max.
Case temperature (note 4) ……..………….………..…..…... +120℃ max.
Ripple and Noise, 20MHz BW (note 3) ………….... 200mV pk-pk max.
Cooling ……………………………………..….……….. Natural Convection
Temperature Coefficient ......................….…………...... ±0.05%/
max.
℃
Storage Temperature Range ...…............………....…....... -55
to +125
℃
℃
Short Circuit Protection.....................…… Continuous, Self-Recovery
Humidity .......................................................... 95% RH max. Non condensing
Line Regulation (note 1) ….………...………….…………..... ±1.2% max.
MTBF ……. MIL-HDBK-217F, GB …..…..………………….…… 3.3Mhrs min.
Load Regulation (note 2) …………..……...........………….... ±10% max.
Dimensions …….…….....…....…. 0.77x0.28x0.40 inches(19.6x7.2x10.2 mm)
NOTE:
Case Material ……………….……………….…… Non-conductive black plastic
1. Line regulation is per 1.0% change in input voltage.
Weight ………..……………………………………………………………….. 2.7g
2. Load regulation is for load change from 100% to 20%.
3. The output noise is measured with 0.33uF ceramic capacitor.
4. Maximum case temperature under any operating condition should
not be exceeded 120℃.
5. The EC2SA2XNH input terminal need to parallel with 1uF tantalum
capacitor.
CASE SIP-7 Dimensions:
2
1
5
7
6
0.77 [19.6]
0.100 [2.54]
Dual Output
Single Output
Pin
+V Output
7
-V Input
2
-V Output
No Pin
6
5
+V Input
1
Common
PIN CONNECTION
X.X±0.25
X.XX±0.01
Pin
±0.002
X.XXX±0.005
±0.05
X.XX±0.13
All Dimensions In Inches(mm)
Tolerance Inches
Millimeters
0.74 [18.8]
0.09 [2.3]
0.02 [0.5]
+V Output
-V Input
-V Output
+V Input
0.300[7.62]
Typical Derati ng curve for Natural Convection
85
1 05
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(
o
C)
Natural Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com