Electronic Components Datasheet Search
  English  ▼

X  

EC3SAW Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC3SAW
Description  3 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3SAW Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC3SAW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3SAW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V16
1
︳
EC3SAW SERIES
3 WATT 4:1 INPUT
DC-DC
CONVERTERS
FEATURES
* 3W Isolated Output
* Compact SIP-8 Package
* Efficiency to 85%
* 4:1 Input Range
* Regulated Outputs
* Remote On/Off Control
* 1500VDC Isolation
* Continuous Short Circuit Protection
* Input Under Voltage Protection
* No Tantalum Capacitor Inside
* CE Mark Meets 2014/30/EU
* Safety Meets UL60950-1, EN60950-1, and IEC60950-1
NOTE: 1. Nominal Input Voltage 24 or 48VDC
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
%
EFF.
CAPACITOR
LOAD MAX.
EC3SAW-24S33P 9-36 VDC
3.3 VDC
0 mA
700 mA
4 mA
122 mA
79
1800uF
EC3SAW-24S05P 9-36 VDC
5 VDC
0 mA
600 mA
4 mA
154 mA
81
1000uF
EC3SAW-24S12P 9-36 VDC
12 VDC
0 mA
250 mA
8 mA
150 mA
84
220uF
EC3SAW-24S15P 9-36 VDC
15 VDC
0 mA
200 mA
12 mA
150 mA
84
120uF
EC3SAW-24D05P 9-36 VDC
±5 VDC
0 mA
±300 mA
8 mA
154 mA
81
470uF
EC3SAW-24D12P 9-36 VDC
±12 VDC
0 mA
±125 mA
12 mA
150 mA
84
100uF
EC3SAW-24D15P 9-36 VDC
±15 VDC
0 mA
±100 mA
12 mA
151 mA
83
47uF
EC3SAW-48S33P 18-75 VDC
3.3 VDC
0 mA
700 mA
3 mA
61 mA
79
1800uF
EC3SAW-48S05P 18-75 VDC
5 VDC
0 mA
600 mA
3 mA
76 mA
82
1000uF
EC3SAW-48S12P 18-75 VDC
12 VDC
0 mA
250 mA
5 mA
74 mA
85
220uF
EC3SAW-48S15P 18-75 VDC
15 VDC
0 mA
200 mA
5 mA
75 mA
84
120uF
EC3SAW-48D05P 18-75 VDC
±5 VDC
0 mA
±300 mA
5 mA
76 mA
82
470uF
EC3SAW-48D12P 18-75 VDC
±12 VDC
0 mA
±125 mA
10 mA
75 mA
84
100uF
EC3SAW-48D15P 18-75 VDC
±15 VDC
0 mA
±100 mA
10 mA
75 mA
83
47uF


Similar Part No. - EC3SAW

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC3SAW-24D05HP CINCON-EC3SAW-24D05HP Datasheet
711Kb / 8P
EC3SAWH SERIES
EC3SAW-24D12HP CINCON-EC3SAW-24D12HP Datasheet
711Kb / 8P
EC3SAWH SERIES
EC3SAW-24D15HP CINCON-EC3SAW-24D15HP Datasheet
711Kb / 8P
EC3SAWH SERIES
EC3SAW-24S05HP CINCON-EC3SAW-24S05HP Datasheet
711Kb / 8P
EC3SAWH SERIES
EC3SAW-24S12HP CINCON-EC3SAW-24S12HP Datasheet
711Kb / 8P
EC3SAWH SERIES
More results

Similar Description - EC3SAW

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC3AW CINCON-EC3AW Datasheet
187Kb / 2P
3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5BW CINCON-EC5BW Datasheet
202Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5SBW-24S33 CINCON-EC5SBW-24S33 Datasheet
256Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
20 WATT 4:1 INPUT DC-DC CONVERTERS
EC9BW CINCON-EC9BW Datasheet
185Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
40 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
8 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com