Electronic Components Datasheet Search
  English  ▼

X  

EC4A Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC4A
Description  5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4A Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC4A Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4A Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V27
1
︳
EC4A SERIES
5-6 WATT 2:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 5-6W Isolated Output
* 24-Pin DIP Package
* Efficiency to 84%
* 2:1 Input Range
* Regulated Outputs
* Pi Input Filter
* Continuous Short Circuit Protection
* UL60950-1 Approval for H/HM Versions only
NOTE:
1. Nominal Input Voltage is 12, 24 or 48 VDC.
2. Typical value at nominal input voltage and full load.
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
(1)
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD
FULL LOAD
% EFF.
(2)
CAPACITOR
LOAD MAX.
EC4A01
9-18 VDC
5 VDC
1000 mA
7.5 mA
541 mA
77
4700uF
EC4A02
9-18 VDC
12 VDC
470 mA
7.5 mA
573 mA
82
4700uF
EC4A03
9-18 VDC
15 VDC
400 mA
7.5 mA
625 mA
80
4700uF
EC4A04
9-18 VDC
±12 VDC
±230 mA
12 mA
554 mA
83
2200uF
EC4A05
9-18 VDC
±15 VDC
±190 mA
12 mA
556 mA
81
2200uF
EC4A06
9-18 VDC
±5 VDC
±500 mA
12 mA
541 mA
77
2200uF
EC4A07
9-18 VDC
3.3 VDC
1000 mA
7.5 mA
382 mA
72
4700uF
EC4A11
18-36 VDC
5 VDC
1000 mA
5 mA
260 mA
80
4700uF
EC4A12
18-36 VDC
12 VDC
470 mA
5 mA
280 mA
84
4700uF
EC4A13
18-36 VDC
15 VDC
400 mA
5 mA
298 mA
84
4700uF
EC4A14
18-36 VDC
±12 VDC
±230 mA
7.5 mA
280 mA
82
2200uF
EC4A15
18-36 VDC
±15 VDC
±190 mA
7.5 mA
293 mA
81
2200uF
EC4A16
18-36 VDC
±5 VDC
±500 mA
7.5 mA
260 mA
80
2200uF
EC4A17
18-36 VDC
3.3 VDC
1000 mA
5 mA
186 mA
74
4700uF
EC4A21
36-72 VDC
5 VDC
1000 mA
2 mA
132 mA
79
4700uF
EC4A22
36-72 VDC
12 VDC
470 mA
2 mA
142 mA
83
4700uF
EC4A23
36-72 VDC
15 VDC
400 mA
2 mA
154 mA
81
4700uF
EC4A24
36-72 VDC
±12 VDC
±230 mA
3 mA
142 mA
81
2200uF
EC4A25
36-72 VDC
±15 VDC
±190 mA
3 mA
147 mA
81
2200uF
EC4A26
36-72 VDC
±5 VDC
±500 mA
3 mA
130 mA
80
2200uF
EC4A27
36-72 VDC
3.3 VDC
1000 mA
2 mA
93 mA
74
4700uF


Similar Part No. - EC4A

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC4A-E CINCON-EC4A-E Datasheet
257Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC4A01 ETC2-EC4A01 Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A01 ETC2-EC4A01 Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A01 ETC2-EC4A01 Datasheet
187Kb / 3P
5-6WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
Sanyo Semicon Device
EC4A01C SANYO-EC4A01C Datasheet
51Kb / 4P
EC4A01C
More results

Similar Description - EC4A

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TA2S-3S123.3 TRUMPOWER-TA2S-3S123.3 Datasheet
68Kb / 1P
DC/DC CONVERTERS SMD, 2:1 Input, 5-6 Watt
logo
List of Unclassifed Man...
EC4A14HMS ETC2-EC4A14HMS Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
EC4A01HM ETC2-EC4A01HM Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A-E CINCON-EC4A-E Datasheet
257Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com