Electronic Components Datasheet Search
  English  ▼

X  

EC4AW13 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC4AW13
Description  3.3-6 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4AW13 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC4AW13 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4AW13 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V25
1
︳
EC4AW SERIES
3.3-6 WATT 4:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 3.3-6W Isolated Output
* DIP-24/SMD Package
* Efficiency to 83%
* 4:1 Input Range
* Regulated Outputs
* Pi Input Filter
* Continuous Short Circuit Protection
* Without Tantalum Capacitor Inside
NOTE:
1. Nominal Input Voltage: 24 or 48 VDC.
2. Measured at 12VDC for 24Vin, 24VDC for 48Vin.
3. Measured at Nominal Input Voltage.
INPUT CURRENT
% EFF.
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD
FULL LOAD (2) (3)
CAPACITOR
LOAD MAX.
EC4AW01
9-36 VDC
5 VDC
1000 mA
5 mA
254 mA
84 82
1000uF
EC4AW02
9-36 VDC
12 VDC
470 mA
5 mA
283 mA
85 83
470uF
EC4AW03
9-36 VDC
15 VDC
400 mA
5 mA
301 mA
85 83
400uF
EC4AW04
9-36 VDC
±12 VDC
±230 mA
7.5 mA
280 mA
85 82
230uF
EC4AW05
9-36 VDC
±15 VDC
±190 mA
7.5 mA
293 mA
85 81
190uF
EC4AW06
9-36 VDC
±5 VDC
±500 mA
5 mA
251 mA
85 83
500uF
EC4AW07
9-36 VDC
3.3 VDC
1000 mA
5 mA
176 mA
80 78
1000uF
EC4AW11
18-72 VDC
5 VDC
1000 mA
5 mA
132 mA
83 79
1000uF
EC4AW12
18-72 VDC
12 VDC
470 mA
5 mA
143 mA
86 82
470uF
EC4AW13
18-72 VDC
15 VDC
400 mA
5 mA
154 mA
86 81
400uF
EC4AW14
18-72 VDC
±12 VDC
±230 mA
7.5 mA
143 mA
85 80
230uF
EC4AW15
18-72 VDC
±15 VDC
±190 mA
7.5 mA
148 mA
85 80
190uF
EC4AW16
18-72 VDC
±5 VDC
±500 mA
5 mA
130 mA
84 80
500uF
EC4AW17
18-72 VDC
3.3 VDC
1000 mA
5 mA
93 mA
79 74
1000uF


Similar Part No. - EC4AW13

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC4AW-24D12H6 CINCON-EC4AW-24D12H6 Datasheet
132Kb / 2P
5-6 WATT DC-DC CONVERTERS
EC4AW-24D15H6 CINCON-EC4AW-24D15H6 Datasheet
132Kb / 2P
5-6 WATT DC-DC CONVERTERS
EC4AW-24S05H6 CINCON-EC4AW-24S05H6 Datasheet
132Kb / 2P
5-6 WATT DC-DC CONVERTERS
EC4AW-24S12H6 CINCON-EC4AW-24S12H6 Datasheet
132Kb / 2P
5-6 WATT DC-DC CONVERTERS
EC4AW-48D12H6 CINCON-EC4AW-48D12H6 Datasheet
132Kb / 2P
5-6 WATT DC-DC CONVERTERS
More results

Similar Description - EC4AW13

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CQB75W RSG-CQB75W Datasheet
135Kb / 1P
75 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
CQB100W RSG-CQB100W Datasheet
136Kb / 1P
100 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC4A01HM ETC2-EC4A01HM Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC1SC01 CINCON-EC1SC01 Datasheet
195Kb / 2P
20 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC3AW CINCON-EC3AW Datasheet
187Kb / 2P
3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC8AW CINCON-EC8AW Datasheet
204Kb / 2P
15 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC4A CINCON-EC4A Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A-E CINCON-EC4A-E Datasheet
257Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BW CINCON-EC4BW Datasheet
322Kb / 2P
10 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com