Electronic Components Datasheet Search
  English  ▼

X  

EC4BE Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC4BE
Description  10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4BE Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC4BE Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4BE Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V14
1
︳
EC4BE SERIES
10 WATT 2:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 10W Isolated Output
* 2”x1” Six-Sided Shield Metal Case
* Efficiency to 82%
* 2:1 Input Range
* Pi Input Filter
* Continuous Short Circuit Protection
* Meets EN55022 Class A Conducted
* UL60950-1 Approval
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
% EFF.
CAPACITOR
LOAD MAX.
EC4BE01
9-18 VDC
5 VDC
100 mA
2000 mA
30 mA
1100 mA
76
2000uF
EC4BE02
9-18 VDC
12 VDC
45 mA
830 mA
30 mA
1065 mA
78
830uF
EC4BE03
9-18 VDC
15 VDC
35 mA
666 mA
30 mA
1065 mA
78
666uF
EC4BE04
9-18 VDC
±12 VDC
±25 mA
±415 mA
40 mA
1065 mA
78
415uF
EC4BE05
9-18 VDC
±15 VDC
±20 mA
±333 mA
40 mA
1065 mA
78
333uF
EC4BE06
9-18 VDC
±5 VDC
±50 mA
±1000 mA
40 mA
1065 mA
78
1000uF
EC4BE11
18-36 VDC
5 VDC
100 mA
2000 mA
20 mA
535 mA
78
2000uF
EC4BE12
18-36 VDC
12 VDC
45 mA
830 mA
20 mA
520 mA
80
830uF
EC4BE13
18-36 VDC
15 VDC
35 mA
666 mA
20 mA
520 mA
80
666uF
EC4BE14
18-36 VDC
±12 VDC
±25 mA
±415 mA
20 mA
520 mA
80
415uF
EC4BE15
18-36 VDC
±15 VDC
±20 mA
±333 mA
20 mA
520 mA
80
333uF
EC4BE16
18-36 VDC
±5 VDC
±50 mA
±1000 mA
20 mA
520 mA
80
1000uF
EC4BE21
36-72 VDC
5 VDC
100 mA
2000 mA
10 mA
260 mA
80
2000uF
EC4BE22
36-72 VDC
12 VDC
45 mA
830 mA
10 mA
254 mA
82
830uF
EC4BE23
36-72 VDC
15 VDC
35 mA
666 mA
10 mA
254 mA
82
666uF
EC4BE24
36-72 VDC
±12 VDC
±25 mA
±415 mA
10 mA
254 mA
82
415uF
EC4BE25
36-72 VDC
±15 VDC
±20 mA
±333 mA
10 mA
254 mA
82
333uF
EC4BE26
36-72 VDC
±5 VDC
±50 mA
±1000 mA
10 mA
254 mA
82
1000uF
NOTE: 1. Nominal Input Voltage 12, 24 or 48VDC


Similar Part No. - EC4BE

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC4BU CINCON-EC4BU Datasheet
175Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
EC4BU-05D05 CINCON-EC4BU-05D05 Datasheet
175Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
EC4BU-05D12 CINCON-EC4BU-05D12 Datasheet
175Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
EC4BU-05D15 CINCON-EC4BU-05D15 Datasheet
175Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
EC4BU-05S05 CINCON-EC4BU-05S05 Datasheet
175Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
More results

Similar Description - EC4BE

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC4-8S123.3 TRUMPOWER-TC4-8S123.3 Datasheet
29Kb / 1P
DC/DC CONVERTERS 2:1 Input, 10 Watt
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
EC2SB-24S05 ETC2-EC2SB-24S05 Datasheet
54Kb / 3P
10 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BU CINCON-EC4BU Datasheet
175Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
EC4BW CINCON-EC4BW Datasheet
322Kb / 2P
10 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7A CINCON-EC7A Datasheet
213Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com