Electronic Components Datasheet Search
  English  ▼

X  

EC5A Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC5A
Description  6-24WATT WIDE INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC5A Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC5A Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC5A Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.cincon.com/
REVISION: May 30, 2013 V14
1
︳
EC5A SERIES
6-24WATT WIDE INPUT
DC-DC
CONVERTERS
FEATURES
* 6-24W Non-Isolated Output
* DIP-24/SMD Package
* Efficiency to 94%
* Regulated Outputs
* Input LC Filter
NOTE: 1. Nominal Input Voltage: 5, 12 or 24 VDC
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD
FULL LOAD
%
EFF.
CASE
EC5A-05S33
4.7-6 VDC
3.3 VDC
2000 mA
15 mA
1553 mA
85
DIP-24
EC5A-12S33
9-32 VDC
3.3 VDC
2000 mA
15 mA
655 mA
84
DIP-24
EC5A-12S05
9-32 VDC
5 VDC
2000 mA
15 mA
947 mA
88
DIP-24
EC5A-12S12
9-32 VDC
12 VDC
830 mA
15 mA
954 mA
87
DIP-24
EC5A-12S15
9-32 VDC
15 VDC
666 mA
15 mA
957 mA
87
DIP-24
EC5A-24S12
16-32 VDC
12 VDC
1600 mA
15 mA
860 mA
93
DIP-24
EC5A-24S15
19-32 VDC
15 VDC
1600 mA
15 mA
1064 mA
94
DIP-24


Similar Part No. - EC5A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC5 3M-EC5 Datasheet
422Kb / 4P
Scotch-Weld™ General Purpose Instant Adhesives
Apr-2016
logo
Relpol S.A.
EC50 RELPOL-EC50 Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
Extech Instruments Corp...
EC500 EXTECH-EC500 Datasheet
187Kb / 14P
pH/Conductivity / TDS / Salinity / Temperature Meter
logo
Clarke International
EC500 CLARKE-EC500 Datasheet
3Mb / 8P
WELDING EARTH CLAMPS
GC 0624
logo
Vishay Siliconix
EC500-103 VISHAY-EC500-103 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
More results

Similar Description - EC5A

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
List of Unclassifed Man...
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
30 Watt Wide input DC/DC converters
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
30W Wide Input DC/DC Converters
BXA40 ARTESYN-BXA40 Datasheet
74Kb / 3P
40W Wide Input DC/DC Converters
BXB50 ARTESYN-BXB50 Datasheet
74Kb / 3P
33-50W Wide Input DC/DC Converters
BXF400 ARTESYN-BXF400 Datasheet
158Kb / 3P
264W Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
5-6 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com