Electronic Components Datasheet Search
  English  ▼

X  

EC5C Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC5C
Description  15 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC5C Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC5C Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC5C Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V12
1
︳
EC5C SERIES
15 WATT 4:1 INPUT
DC-DC
CONVERTERS
FEATURES
* 15W Isolated Output
* 2” X 2” Six-Sided Shield Metal Case
* 4:1 Input Range
* Efficiency to 84%
* Remote On/Off Control
* Regulated Outputs
* Continuous Short Circuit Protection
* CE Mark Meets 2004/108/EC
* UL60950-1 Approval
NOTE: 1. Nominal Input Voltage 24 or 48VDC
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
%
EFF.
CAPACITOR
LOAD MAX.
EC5C01
9-36 VDC
5 VDC
0 mA
3000 mA
15 mA
770 mA
81
T.B.D
EC5C02
9-36 VDC
12 VDC
0 mA
1250 mA
15 mA
745 mA
84
T.B.D
EC5C03
9-36 VDC
15 VDC
0 mA
1000 mA
15 mA
760 mA
82
T.B.D
EC5C04
9-36 VDC
±5 VDC
±0 mA
±1500 mA
20 mA
770 mA
81
T.B.D
EC5C05
9-36 VDC
±12 VDC
±0 mA
±625 mA
20 mA
760 mA
82
T.B.D
EC5C06
9-36 VDC
±15 VDC
±0 mA
±500 mA
20 mA
750 mA
83
T.B.D
EC5C07
9-36 VDC
5/±12 VDC
250/±100 mA
1500/±310 mA
20 mA
780 mA
80
T.B.D
EC5C08
9-36 VDC
5/±15 VDC
250/±100 mA
1500/±250 mA
20 mA
780 mA
80
T.B.D
EC5C09
9-36 VDC
3.3 VDC
0 mA
3000 mA
15 mA
530 mA
78
T.B.D
EC5C11
18-72 VDC
5 VDC
0 mA
3000 mA
10 mA
385 mA
81
T.B.D
EC5C12
18-72 VDC
12 VDC
0 mA
1250 mA
10 mA
375 mA
83
T.B.D
EC5C13
18-72 VDC
15 VDC
0 mA
1000 mA
10 mA
380 mA
82
T.B.D
EC5C14
18-72 VDC
±5 VDC
±0 mA
±1500 mA
15 mA
385 mA
81
T.B.D
EC5C15
18-72 VDC
±12 VDC
±0 mA
±625 mA
15 mA
375 mA
83
T.B.D
EC5C16
18-72 VDC
±15 VDC
±0 mA
±500 mA
15 mA
385 mA
81
T.B.D
EC5C17
18-72 VDC
5/±12 VDC
250/±100 mA
1500/±310 mA
15 mA
385 mA
81
T.B.D
EC5C18
18-72 VDC
5/±15 VDC
250/±100 mA
1500/±250 mA
15 mA
390 mA
80
T.B.D
EC5C19
18-72 VDC
3.3 VDC
0 mA
3000 mA
10 mA
270 mA
77
T.B.D


Similar Part No. - EC5C

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC5 3M-EC5 Datasheet
422Kb / 4P
Scotch-Weld™ General Purpose Instant Adhesives
Apr-2016
logo
Relpol S.A.
EC50 RELPOL-EC50 Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
Extech Instruments Corp...
EC500 EXTECH-EC500 Datasheet
187Kb / 14P
pH/Conductivity / TDS / Salinity / Temperature Meter
logo
Clarke International
EC500 CLARKE-EC500 Datasheet
3Mb / 8P
WELDING EARTH CLAMPS
GC 0624
logo
Vishay Siliconix
EC500-103 VISHAY-EC500-103 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
More results

Similar Description - EC5C

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC6-15S123.3 TRUMPOWER-TC6-15S123.3 Datasheet
23Kb / 1P
DC/DC CONVERTERS 2:1 Input, 15 Watt
TD3-10S123.3 TRUMPOWER-TD3-10S123.3 Datasheet
27Kb / 1P
DC/DC CONVERTERS 2:1 Input, 15 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
DC/DC CONVERTERS 4:1 Input, 15 Watt
TD3WR-10S243.3 TRUMPOWER-TD3WR-10S243.3 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
List of Unclassifed Man...
EC5BW-48S15 ETC2-EC5BW-48S15 Datasheet
107Kb / 2P
EC5BW SERIES 15 WATT 4 1 INPUT DC-DC CONVERTERS
EC5BU-12S05 ETC2-EC5BU-12S05 Datasheet
298Kb / 3P
15 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5BW CINCON-EC5BW Datasheet
202Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC8AW CINCON-EC8AW Datasheet
204Kb / 2P
15 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC3SB CINCON-EC3SB Datasheet
208Kb / 2P
15 WATT 2:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com