Electronic Components Datasheet Search
  English  ▼

X  

EC5C05 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC5C05
Description  15 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC5C05 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC5C05 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC5C05 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
℃
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....…………….......... 24V ....................…….….. 9 – 36V
Efficiency ................................................................................... See Table
48V ……………..….……. 18 – 72V
Isolation Voltage ..............................................................… 500 VDC min.
Input Surge Voltage (100ms max.) …… 24V ….......…............ 50Vdc max.
Isolation Resistance .....................................……….......…… 10
9 ohm min.
48V …................. 100Vdc max.
Isolation Capacitance …………………..……………..……..… 1000pF typ.
Input Filter …………………………………………………..…………..... Pi Type
Switching Frequency ............................................................ 300KHz typ.
OUTPUT SPECIFICATIONS:
Case Grounding ……………….………….. Connected to Output Common
Voltage Accuracy
Operating Ambient Temperature Range …..................... –25
to +71
℃
℃
Single Output, Dual +Output ……..………………….….. ±1.0% max.
De-rating, Above 71
….……………….. Linearly to Zero power at 100
℃
℃
Dual – Output ……………………….…………………..… ±3.0% max.
Case Temperature (note3) .……...………………………......... 100
max.
℃
Triple 5V …………………………………………..………… ±2.0% max.
Cooling …………………………..…………………….. Natural Convection
12V/15V ………………….…………………………... ±3.0% max.
Storage Temperature Range ……….….…....………..... –55
to +105
℃
℃
Voltage Balance (Dual) ……………………………………………… ±1.0% max.
Humidity .................................................... 95% RH max. Non condensing
Transient Response
MTBF …… MIL-STD-217F, GB, 25
, Full Load
℃
………… 1300Khrs typ.
Single 25% Step Load Change …………………………….… <500µs
EMI/RFI …………………………………….…. Six-Sided Continuous Shield
Dual FL-1/2L±1% Error Band ……………….…………..……. <500µs
Dimensions ……………… 2.00×2.00×0.40 inches (50.8×50.8×10.2mm)
External Trim Adj. Range …………………………………………………… ±10%
Case Material ………… Black Coated Copper With Non-Conductive Base
Ripple & Noise, 20MHz BW …………. 10mV RMS max., 75mV pk-pk max.
Weight ……………..……………….…………………………………….. 59g
Temperature Coefficient …………………………………………….. ±0.02%/℃
NOTE:
Short Circuit Protection …………………….………..……………. Continuous
1. Measured from high line to low line.
Line Regulation Single/Dual (note1) …………..................…..…… ±0.2% max.
2. Measured from full load to 1/4 full load.
Triple ……………….……….……..….…………… ±1.0% max.
3. Maximum case temperature under any operating condition should
Load Regulation Single/Dual (note2) ……....….….…….......…...... ±1.0% max.
not be exceeded 100℃.
Triple …………………………….………………… ±5.0% max.
Start up time …………………………………….………………..…. 300ms typ.
Case C Dimensions:
DIA
8
3
4
2 1
7
6
5
PIN CONNECTION
Pin
Single
Dual
Triple
1
2
3
4
5
6
7
8
No Pin
-V Input
+V Input
Trim
-V Output
+V Output
No Pin
Remote On/Off Control
No Pin
Trim
-V Output
Common
+V Output
No Pin
-Aux. Out
Common
+5Vout
+Aux. Out
BOTTOM VIEW
0.90
[22.9]
2.00
[50.8]
0.400
[10.16]
0.400
[10.16]
0.400
[10.16]
0.40
[10.2]
0.200
[5.08]
0.040
[1.02]
Millimeters: X.X= ±1.0 , X.XX=±0.25
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
All Dimensions In Inches(mm)
3-
NOTE: Pin Size is 0.04±0.004 Inch (1.0±0.1mm)DIA
-V Input
+V Input
-V Input
+V Input
EXTERNAL OUTPUT TRIM
Remote On/Off Control
Logic Compatibility
CMOS or Open Collector TTL
Ec-On
>+5.5 VDC to 75Vdc
or Open Circuit
Ec-Off
0 to <1.8 VDC
Shutdown ldle Current
10mA
Control Common
Referenced to Input Minus
TRIPLE OUTPUT LOADING TABLE (1)
Amperes
Output
(Pin No.)
Voltage
Min. (2)
Nom.
7
+5
0.25
1.5
8 & 5
+12 & -12
0.10
0.31
8 & 5
+15 & -15
0.10
0.25
NOTE:
1. Maximum total power from all outputs is limited to 15 watts
but no output should be allowed to exceed its maximum current.
2. Minimum current on each output is required to maintain specified regulation.
Typical Derating curve for Natural Convection
100
71
-25
0%
20%
40%
60%
80%
100%
120%
-25
0
25
50
75
100
Ambient Temperature(oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com