Electronic Components Datasheet Search
  English  ▼

X  

EC6A13 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC6A13
Description  7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC6A13 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC6A13 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC6A13 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V26
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
℃
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ….………….......……....... 12V …...................... 9-18V
Efficiency …............................................................................. See Table
24V ….................... 18-36V
Isolation Resistance ….................................................…… 10
9 ohm min.
48V ….................... 36-72V
Isolation Capacitance …………………..…………………..…… 560pF typ.
Input Surge Voltage (100ms max.) ……….….… 12V …….......... 20Vdc max.
Isolation Voltage ………………………………………….…. 1500VDC min.
24V …............. 50Vdc max.
Switching Frequency …......................................................... 300KHz typ.
48V …........... 100Vdc max.
Operating Ambient Temperature Range …....................... -40
to +85
℃
℃
Input Filter ………………………………………………….…….……….. Pi Type
De-rating, Above 71
……
℃
…………… Linearly to Zero power at 100℃
OUTPUT SPECIFICATIONS:
Case Temperature (note5) …………..................................... 100
max.
℃
Voltage Accuracy …....................................................................... ±2.0% max.
Cooling ………………………………….…………….. Natural Convection
Voltage Balance (Dual) ….............................................................. ±1.0% max.
Storage Temperature Range ………….……....………..... -40
to +100
℃
℃
Temperature Coefficient …………………………………………… ±0.05%/℃
Humidity .................................................. 95% RH max. Non condensing
Ripple & Noise, 20MHz BW …………….…………….…… 100mV pk-pk max.
MTBF ……. MIL-STD-217F, GB, 25
, Full Load
℃
………… 1800Khrs typ.
Short Circuit Protection ……………………………………………… Continuous
Dimensions …… DIP ….… 1.25x0.80x0.40 inches(31.8x20.3x10.2 mm)
Line Regulation Single/Dual (note1) …….…….……………......…±0.2% max.
SMD …. 1.25x0.80x0.45 inches(31.8x20.3x11.4 mm)
Load Regulation Single (note2) …..………..………....…………. ±0.5% max.
Weight ………………………………………………………………… 18.4g
Dual (note3) …………..……….………………… ±1.0% max.
Case Material ………… Black Coated Copper with Non-conductive Base
Start up time …………………….……… EC6A0XX …………………… 5ms typ.
Other …………….…..……. 20ms typ.
NOTE:
1. Measured from high line to low line.
2. Measured from full load to 10% load.
3. Measured from full load to 1/4 load.
4. Suffix “S” to the model number with SMD packages.
5. Maximum case temperature under any operating condition should
not be exceeded 100℃
Case A Dimensions:
BOTTOM
VIEW
SEE NOTE
* NP-NO PIN
* NC-NO CONNECTION WITH PIN
NOTE:Pin Size is 0.02±0.002 Inch (0.5±0.05 mm)DIA
All Dimensions In Inches (mm)
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
CASE AS
TOP
VIEW
PIN CONNECTION
NC
NC
-V Output
Common
-V Input
-V Input
+V Output
+V Output
Common
-V Output
+V Input
+V Input
Pin
Single Output
Dual Output
DIP
SMD
DIP
SMD
1,24
2,3
10,15
11
12,13
14
9
22,23
16
4,5
20,21
NP
NC
NP
NC
NP
NC
NP
NC
NC
NC
NP
NC
NP
NC
NP
NC
NP
NC
Typical Derating curve for Natural Convection
100
71
-40
0%
20%
40%
60%
80%
100%
120%
-40
-15
10
35
60
85
Ambient Temperature(
oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com