Electronic Components Datasheet Search
  English  ▼

X  

EC5BE21 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC5BE21
Description  15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC5BE21 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC5BE21 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC5BE21 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V24
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....………….... 12V …….……..………….…..….. 9-18V
Efficiency ................................................................................. See Table
24V ……………………………… 18-36V
Isolation Voltage ..............................................................… 500 VDC min
48V ……………………….…..…. 36-72V
Isolation Resistance .........................................……….......…… 10
8 ohms
Input Surge Voltage (100ms max.) ………….….… 12V …............. 25Vdc max.
Isolation Capacitance ………………..………….………..…… 500pF typ.
24V .............. 50Vdc max.
Switching Frequency ............................................................ 300KHz typ.
48V .............. 100Vdc max.
Operating Ambient Temperature Range …..................... –25℃ to +71℃
Input Filter ………………………………………………….……………..... Pi Type
De-rating, Above 71℃ ………………… Linearly to Zero power at 100℃
OUTPUT SPECIFICATIONS:
Case Temperature (note 3) ……......................................... 100℃ max.
Voltage Accuracy ………………....…………….….......….………… ±1.0% max.
Storage Temperature Range ………….…....………..... –40℃ to +100℃
Voltage Balance (Dual) …………………..………………………… ±1.0% max.
Humidity .................................................. 95% RH max. Non condensing
Transient Response
MTBF ……… MIL-STD-217F, GB, 25℃, Full Load …….… 1500Khrs typ.
Single 25% Step Load Change ………...………………… <500u sec.
EMI/RFI ………………………………………. Six sided Continuous Shield
Dual FL-1/2L±1% Error Band ……………………..…….. <500u sec.
Dimensions ……………… 2.00x1.00x0.40 inches (50.8x25.4x10.2mm)
Ripple and Noise, 20MHz BW ………………………………….. 75mV p-p max.
Case Material …….… Black Coated Copper with Non-Conductive Base
Temperature Coefficient …………………………......……….. ±0.02%/°C max.
Weight ……………..……………….…………………………………….. 32g
Short Circuit Protection …………………………………….……….. Continuous
Line Regulation (note1) ……................................................…… ±0.2% max.
Load Regulation (note2) ………………………………….......…...... ±1.0% max.
Start up time ………………………………… 20ms typ.(EC5BE21, EC5BE27)
OPTION:
1. Suffix ”T” to the Model Number with Remote On/Off Remote On/Off Control:
Logic Compatibility ………….…….... COMS or Open Collector TTL
EC-On ……………………….………..…. >+5.5VDC or Open Circuit
EC-Off ………………………………………………… 0 to <1.8VDC
Control Common ………………….…….. Referenced to input Minus
2. Suffix “A” to the Model Number with Output Voltage Adjustable External
Trim Adj. Range≧±10%, Single Output Only
NOTE:
1. Measured from high line to low line.
2. Measured from full load to 1/4 load.
3. Maximum case temperature under any operating condition should
not be exceeded 100℃
Case B Dimensions:
BOTTOM
VIEW
PIN CONNECTION
Pin
1.
2.
3.
4.
5.
+V Input
-V Input
+V Output
Common/NP/Trim (Option)
-V Output
Function
*NP-NO PIN ON SINGLE OUTPUT
min
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
Millimeters: X.X= ±1 , X.XX=±0.25
All Dimensions In Inches (mm)
6.
NP/Remote(Option)
NOTE: Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
EXTERNAL OUTPUT TRIM
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN
Typical Derating curve for Natural Convection
100
71
-25
0%
20%
40%
60%
80%
100%
120%
-25
0
25
50
75
100
Ambient Temperature(oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com