Electronic Components Datasheet Search
  English  ▼

X  

20760100300 Datasheet(PDF) 2 Page - HARTING Technology Group

Part # 20760100300
Description  Gigabit Ethernet for Duplex LC connector, Multimode cable 550m
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

20760100300 Datasheet(HTML) 2 Page - HARTING Technology Group

  20760100300 Datasheet HTML 1Page - HARTING Technology Group 20760100300 Datasheet HTML 2Page - HARTING Technology Group 20760100300 Datasheet HTML 3Page - HARTING Technology Group 20760100300 Datasheet HTML 4Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Gigabit Ethernet Links
• Fibre Channel Links at 1.06 Gbps
• High Speed Backplane Interconnects
• Switched Backbones
Ethernet Interface - Fibre Optic
Cable types acc. to IEEE 802.3
Multimode fibre, 850 nm; 50 / 125 µm or 62.5 / 125 µm
Data rate
1.25 Gbit/s
Maximum cable length
50 / 125 µm
550 m
62.5 / 125 µm
275 m
Sensitivity
≤ -17 dBm
Wave length
850 nm
Transmitter
Output power
-9.5 ... -4 dBm
Extinction Ratio (min)
9 dB
Center wave length
830 ... 860 nm
Center wave length (typ.)
850 nm
Spectral width (FWHM) (max)
0.85 nm
RIN (max)
-117 dB/Hz
Coupled power ratio (min)
9 dB
Optical rise time (20 % ... 80 %) (max)
260 ps
Optical fall time (20 % ... 80 %) (max)
260 ps
Output eye
compliant with IEEE 802.3z / D5.0
Receiver
Maximum input optical power
-3 ... -17 dBm
Operating wave length
770 ... 860 nm
Optical return loss (min)
12 dB
Receiver Electrical 3 dB upper cutoff frequency (max) 1500 MHz
Loss of Signal - asserted (P
A) (min)
-30 dBm
Loss of Signal - deasserted (max)
-16 dBm
Loss of Signal - hysterisis (min)
0.5 dB
Timing characteristics
TX_DISABLE Assert Time (max)
10 µs
TX_DISABLE Negate Time (max)
1 ms
Time to initialize, include reset of TX_FAULT (max) 300 ms
TX_FAULT from fault to assertion (max)
100 µs
TX_DISABLE time to start reset (min)
10 µs
Receiver Loss of Signal Assert Time (max)
off to on
100 µs
on to off
100 µs
Ha-VIS GbE SFP Transceiver MM L550
Technical characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com