Electronic Components Datasheet Search
  English  ▼

X  

CHB100 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CHB100
Description  66 - 100 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CHB100 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CHB100 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CHB100 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V27
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENRAL SPECIFICATIONS:
Input Voltage Range....……………........................ 24V .................. 18-36V
Efficiency .................….............................................…....... See Table
48V ................. 36-75V
Isolation Voltage …........ Input/Output, Input/Case, Output/Case .....….. 1500VDC min.
Input Surge Voltage (100ms max.) ……...… 24V …... 50Vdc max.
Isolation Resistance .............................……………….............. 107 ohm min.
48V .…... 100Vdc max.
Isolation Capacitance ……………….…..……………………..… 1000pF typ.
Under Voltage Lockout:
Switching Frequency .....................................……................. 500KHz typ.
24Vin …………….. Power Up ….... 17V, Power Down …..… 16V
Operating Case Temperature ………………….....…............ -40℃ to +100℃
48Vin ..……..….….. Power Up ….… 34V, Power Down …….. 32.5V
Storage Temperature …………….............…................. -40℃ to +105℃
Positive Logic Remote On/Off (note3&4)
Thermal Shutdown Case Temperature ..………….…………..……. 100℃ typ.
Input Filter …………………………………………………………... Pi Type
Humidity .................................................... 95% RH max. Non Condensing
OUTPUT SPECIFICATIONS:
MTBF ………. MIL-HDBK-217F, GB, 25℃, Full Load ………… 900Khrs typ.
Voltage Accuracy ..........................................……….......... ±1.0% max.
Dimensions ............................ 2.28×2.40x0.50 inches (57.9x61.0×12.7 mm)
Transient Response:25% Step Load Change ………………<500µs
Case Material ................…......................…………………... Aluminum
External Trim Adj. Range ……........................................................ ±10%
Weight ………..……………………………………………………………… 95g
Ripple & Noise, 20MHz BW (note5)
NOTE:
3.3V & 5V ….........…….. 40mV RMS max.
1. Measured from high line to low line.
100mV pk-pk max.
2. Measured from full load to zero load.
12V & 15V ……………….. 60mV RMS max.
3. Logic compatibility …. open collector ref to -Input
150mV pk-pk max.
Module on …...………………………………………… open circuit
24V ……………………… 100mV RMS max.
Module off …………………………….………..…….. 0 to < 0.8Vdc
240mV pk-pk max.
4. Suffix "N" to the model number with negative logic remote on/off.
Temperature Coefficient ....................………............…..... ±0.03%/°C max.
5. Output ripple and noise measured with 10uF tantalum and 1uF ceramic
Short Circuit Protection .........………………......................... Continuous
capacitor across output.
Line Regulation (note1) ….…...................................…. ±0.2% max.
6. Suffix “-C” to the model number with clear mounting insert. (3.2mm DIA.)
Load Regulation (note2) ….…............…........................ ±0.2% max.
Over Voltage Protection Trip Range, % Vo Nom. .................. 115-140%
Current Limit ........................……………….... 110%-140% Nominal Output
Start up time …………………….………….……………………..... 5ms typ.
6
Trim
+Sense
+V Output
9
7
8
2*R1.50
BOTTOM VIEW
M3*0.5 Through 4pl.
Function
On/Off
CASE
-V Input
-V Output
-Sense
+V Input
3
4
5
Pin
1
2
Mounting Inserts
Millimeters: X.X= ±0.5 , X.XX=±0.25
All Dimensions In Inches(mm)
CASE HB
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
2.28
[57.9]
1.90
[48.3]
0.50
[12.7]
0.18
[4.6]
min.
ON/OFF (2)
-VIN (4)
HIGH SIGNAL HERE
DISABLE OUTPUT
+SENSE (8)
TRIM (7)
-SENSE (6)
TRIM UP
TRIM DOWN
+SENSE (8)
TRIM (7)
-SENSE (6)
10K ohms
TRIMPOT
REMOTE ON/OFF CONTROL
EXTERNAL OUTPUT TRIM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com