Electronic Components Datasheet Search
  English  ▼

X  

IN74ACT245 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74ACT245
Description  OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT245 Datasheet(HTML) 1 Page - Integral Corp.

  IN74ACT245 Datasheet HTML 1Page - Integral Corp. IN74ACT245 Datasheet HTML 2Page - Integral Corp. IN74ACT245 Datasheet HTML 3Page - Integral Corp. IN74ACT245 Datasheet HTML 4Page - Integral Corp. IN74ACT245 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN74ACT245
1
OCTAL 3-STATE NONINVERTING
BUS TRANSCEIVER
High-Speed Silicon-Gate CMOS
The IN74ACT245 is identical in pinout to the LS/ALS245,
HC/HCT245. The IN74ACT245 may be used as a level converter
for interfacing TTL or NMOS outputs to High Speed CMOS
inputs.
The IN74ACT245 is a 3-state noninverting transceiver that is
used for 2-way asynchronous communication between data
buses. The device has an active-low Output Enable pin, which is
used to place the I/O ports into high-impedance states. The
Direction control determines whether data flows from A to B or
from B to A.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
ORDERING INFORMATION
IN74ACT245N Plastic
IN74ACT245DW SOIC
TA = -40° to 85° C for all
packages
PIN ASSIGNMENT
FUNCTION TABLE
Control Inputs
Output
Enable
Direction
Operation
L
L
Data
Transmitted
from Bus B to Bus A
L
H
Data
Transmitted
from Bus A to Bus B
H
X
Buses Isolated (High
Impedance State)
X = don’t care
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND


Similar Part No. - IN74ACT245

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT245 IKSEMICON-IN74ACT245 Datasheet
261Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT245DW IKSEMICON-IN74ACT245DW Datasheet
261Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT245N IKSEMICON-IN74ACT245N Datasheet
261Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74ACT245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC244A ONSEMI-MC74HC244A Datasheet
179Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74ACT241 INTEGRAL-IN74ACT241 Datasheet
185Kb / 4P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER /LINE RECEIVER
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
KODENSHI_AUK CORP.
KK74LS244 KODENSHI-KK74LS244 Datasheet
333Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
IK Semicon Co., Ltd
IN74LS244 IKSEMICON-IN74LS244 Datasheet
253Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
NLV74HC244ADTR2G ONSEMI-NLV74HC244ADTR2G Datasheet
143Kb / 9P
Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
July, 2012 ??Rev. 14
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com