Electronic Components Datasheet Search
  English  ▼

X  

EC6C06 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC6C06
Description  25 - 30WATT 2:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC6C06 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC6C06 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC6C06 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
℃
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....…………….......... 12V ....................…….….. 9 – 18V
Efficiency ................................................................................... See Table
24V ………..……….……. 18 – 36V
Isolation Voltage ..............................................................… 500 VDC min.
48V …………..…..……… 36 – 72V
Isolation Resistance .........................................……….......…… 10
9 ohms
Input Surge Voltage (100ms max.) ……….…… 12V …............... 25Vdc max.
Isolation Capacitance …………………..…………………..…… 500pF typ.
24V ................... 50Vdc max.
Switching Frequency ............................................................ 300KHz typ.
48V ................. 100Vdc max.
Case Grounding ……………….………….. Connected to Output Common
Input Filter …………………………………………………..…………..... Pi Type
Operating Ambient Temperature Range …..................... –25
to +71
℃
℃
OUTPUT SPECIFICATIONS:
De-rating, Above 60
….……………….. Linearly to Zero power at 100
℃
℃
Voltage Accuracy
Case Temperature (note 3) .……………………………......... 100
max.
℃
Single Output ………………….………………………….….. ±2.0% max.
Cooling …………………………..…………………….. Natural Convection
Dual +Output …………………………………………..…….. ±2.0% max.
Storage Temperature Range ………….…....………..... –55
to +105
℃
℃
Dual – Output ………………….…………………………..… ±3.0% max.
Humidity .................................................... 95% RH max. Non condensing
Triple, 5V ………………………….………………..………… ±2.0% max.
MTBF ……… MIL-STD-217F, GB, 25
, Full Load
℃
………… 900Khrs typ.
12V/15V …………………..…………………………... ±5.0% max.
EMI/RFI …………………………………….…. Six-Sided Continuous Shield
Voltage Balance (Dual) ……………………………………………… ±1.0% max.
Dimensions ……………… 2.002.000.40 inches (50.850.810.2mm)
Transient Response.
Case Material ………… Black Coated Copper With Non-Conductive Base
Single 25% Step Load Change ……………………………….… <500us
Weight ……………..……………….…………………………………….. 65g
Dual FL-1/2L±1% Error Band ……………….……………..……. <500us
NOTE:
External Trim Adj. Range …………………………………………………… ±10%
1. Measured From High Line to Low Line
Ripple and Noise, 20MHz BW …………… 10mV RMS. max., 75mV p-p max.
2. Measured From Full Load to 1/4 Full Load
Temperature Coefficient …………………………………………….. ±0.02%/℃
3. Maximum case temperature under any operating condition should
Short Circuit Protection …………………….………..……………. Continuous
not be exceeded 100℃
Line Regulation Single/Dual (note 1) …………..............…..…… 0.5% max.
Triple …………………….…….…………………… 1.0% max.
Load Regulation Single/Dual (note 2) ……..………….…......…...... 1.0% max.
Triple ………..……………………...……………… 5.0% max.
Start up time …………………………………….………………..…... 900ms typ.
Case C Dimensions:
DIA
8
3
4
2 1
7
6
5
PIN CONNECTION
Pin
Single
Dual
Triple
1.
2.
3.
4.
5.
6.
7.
8.
No Pin
-Vin
+Vin
Trim
-Vout
+Vout
No Pin
Remote On/Off Control
No Pin
-Vin
+Vin
Trim
-Vout
Common
+Vout
No Pin
-Vin
+Vin
-Aux. Out
Common
+5Vout
+Aux. Out
BOTTOM VIEW
Millimeters: X.X= ±1.0 , X.XX=±0.25
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
All Dimensions In Inches(mm)
EXTERNAL OUTPUT TRIM
Remote On/Off Control
Logic Compatibility
CMOS or Open Collector TTL
Ec-On
>+5.5 VDC t0 75Vdc
or Open Circuit
Ec-Off
<1.8 VDC
Shutdown ldle Current
10mA
Control Common
Referenced to Input Minus
TRIPLE OUTPUT LOADING TABLE (1)
Output
(Pin No.)
Voltage
Amperes
Min. (2)
Nom.
7
+5
0.50
3.5
8 & 5
+12 & -12
0.10
0.31
8 & 5
+15 & -15
0.10
0.25
NOTE:
1. Maximum total power from all outputs is limited to 25 watts
but no output should be allowed to exceed its maximum current
2. Minimum current on each output is required to maintain specified regulation
Typical Derating curve for Natural Convection
100
60
-25
0%
20%
40%
60%
80%
100%
120%
-25
0
25
50
75
100
Ambient Temperature(
oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com