Electronic Components Datasheet Search
  English  ▼

X  

EC7A Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC7A
Description  10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC7A Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC7A Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC7A Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V29
1
︳
EC7A SERIES
10 WATT 2:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 10W Isolated Output
* DIP-24 / SMD Metal Package
* Very High Efficiency up to 89%
* 2:1 Input Range
* Regulated Outputs
* PI Input Filter
* Continuous Short Circuit Protection
* No Tantalum Capacitor Inside
* CE Mark Meets 2004/108/EC
* UL60950-1 Approval
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
%
EFF.
CAPACITOR
LOAD MAX.
EC7A-12S25
9-18 VDC
2.5 VDC
0 mA
3000 mA
40 mA
735 mA
85
3000uF
EC7A-12S33
9-18 VDC
3.3 VDC
0 mA
3000 mA
50 mA
971 mA
85
3000uF
EC7A-12S05
9-18 VDC
5 VDC
0 mA
2000 mA
60 mA
947 mA
88
2000uF
EC7A-12S12
9-18 VDC
12 VDC
0 mA
835 mA
40 mA
949 mA
88
835uF
EC7A-12S15
9-18 VDC
15 VDC
0 mA
666 mA
40 mA
946 mA
88
666uF
EC7A-12D12
9-18 VDC
±12 VDC
0 mA
±416 mA
30 mA
956 mA
87
416uF
EC7A-12D15
9-18 VDC
±15 VDC
0 mA
±333 mA
30 mA
968 mA
86
333uF
EC7A-24S25
18-36VDC
2.5 VDC
0 mA
3000 mA
30 mA
368 mA
85
3000uF
EC7A-24S33
18-36VDC
3.3 VDC
0 mA
3000 mA
30 mA
480 mA
86
3000uF
EC7A-24S05
18-36VDC
5 VDC
0 mA
2000 mA
30 mA
473 mA
88
2000uF
EC7A-24S12
18-36VDC
12 VDC
0 mA
835 mA
30 mA
469 mA
89
835uF
EC7A-24S15
18-36VDC
15 VDC
0 mA
666 mA
30 mA
473 mA
88
666uF
EC7A-24D12
18-36VDC
±12 VDC
0 mA
±416 mA
20 mA
467 mA
89
416uF
EC7A-24D15
18-36VDC
±15 VDC
0 mA
±333 mA
20 mA
478 mA
87
333uF
EC7A-48S25
36-75VDC
2.5 VDC
0 mA
3000 mA
15 mA
184 mA
85
3000uF
EC7A-48S33
36-75VDC
3.3 VDC
0 mA
3000 mA
15 mA
243 mA
85
3000uF
EC7A-48S05
36-75VDC
5 VDC
0 mA
2000 mA
15 mA
237 mA
88
2000uF
EC7A-48S12
36-75VDC
12 VDC
0 mA
835 mA
15 mA
235 mA
89
835uF
EC7A-48S15
36-75VDC
15 VDC
0 mA
666 mA
15 mA
237 mA
88
666uF
EC7A-48D12
36-75VDC
±12 VDC
0 mA
±416 mA
10 mA
236 mA
88
416uF
EC7A-48D15
36-75VDC
±15 VDC
0 mA
±333 mA
10 mA
242 mA
86
333uF
NOTE: 1. Nominal Input Voltage 12, 24, 48VDC


Similar Part No. - EC7A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC7A-12D12 ETC2-EC7A-12D12 Datasheet
534Kb / 2P
10 WATT DC-DC CONVERTERS
EC7A-12D15 ETC2-EC7A-12D15 Datasheet
534Kb / 2P
10 WATT DC-DC CONVERTERS
EC7A-12S05 ETC2-EC7A-12S05 Datasheet
534Kb / 2P
10 WATT DC-DC CONVERTERS
EC7A-12S12 ETC2-EC7A-12S12 Datasheet
534Kb / 2P
10 WATT DC-DC CONVERTERS
EC7A-12S15 ETC2-EC7A-12S15 Datasheet
534Kb / 2P
10 WATT DC-DC CONVERTERS
More results

Similar Description - EC7A

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC4-8S123.3 TRUMPOWER-TC4-8S123.3 Datasheet
29Kb / 1P
DC/DC CONVERTERS 2:1 Input, 10 Watt
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
EC2SB-24S05 ETC2-EC2SB-24S05 Datasheet
54Kb / 3P
10 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BU CINCON-EC4BU Datasheet
175Kb / 2P
10 WATT 2:1 INPUT DC-DC CONVERTERS
EC4BW CINCON-EC4BW Datasheet
322Kb / 2P
10 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com