Electronic Components Datasheet Search
  English  ▼

X  

TA1296FN Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TA1296FN
Description  Down-Converter IC with PLL for Satellite Tuner
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1296FN Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TA1296FN Datasheet HTML 9Page - Toshiba Semiconductor TA1296FN Datasheet HTML 10Page - Toshiba Semiconductor TA1296FN Datasheet HTML 11Page - Toshiba Semiconductor TA1296FN Datasheet HTML 12Page - Toshiba Semiconductor TA1296FN Datasheet HTML 13Page - Toshiba Semiconductor TA1296FN Datasheet HTML 14Page - Toshiba Semiconductor TA1296FN Datasheet HTML 15Page - Toshiba Semiconductor TA1296FN Datasheet HTML 16Page - Toshiba Semiconductor TA1296FN Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TA1296FN
2002-02-12
13
[[BYTE 5]]
Byte 5 can be used to select Test Mode and to control the output ports (band 1 and band 2).
Bit 1, bit 2 and bit 3 (T2, T1 and T0) can be used to set up Test Mode. These bits determine the
phase comparator reference signal output and the counter divider output.
Bit 5 (for B2) and bit 8 (for B1) can be used to control the output ports. When either of these
bits is set to 0, the corresponding port is turned OFF. When either of these bits is set to 1, the
corresponding port is turned ON. Each output port can be driven at less than 10 mA.
B)
Read mode (status request)
When Read Mode is selected, the power-on reset operation status, phase comparator lock detector
output status, comparator input port status and 5-level AD converter pin input voltage status are
output to the master device.
Bit 1 (POR) indicates the power-on reset operation status. When the power supply voltage VCC2 is
cut off, this bit is set to 1. Bit 1 is reset to 0 when a voltage of 3 V or higher is applied to VCC2 and
transmission is requested in Read Mode. At this point the new status is output. (bit 1 is also set to 1
when VCC2 is turned ON.)
Bit 2 (FL) indicates the phase comparator lock status. When the phase comparator is locked, 1 is
output. When the phase comparator is unlocked, 0 is output.
Bit 3, bit 4 and bit 5 (I-P3, I-P2, I-P1) indicate the input comparator status. I-P3, I-P2 and I-P1
indicate the status of input ports I-P3, I-P2 and I-P1 (pins 13, 14 and 15) respectively. The input
voltage status for each comparator input port pin is output to the master device. High is indicated by
1. Low is indicated by 0. High represents a voltage of above 2.7 V applied to the corresponding pin.
Low represents an applied voltage of below 1.5 V.
Bit 6, bit 7 and bit 8 (A2, A1 and A0) indicate the status of the five-level AD converter. The voltage
applied to the AD converter input pin (pin 3) is output after being resolved to one of five levels.
To see the bit values output for the five resolution levels and to see how these levels correspond to
the voltage applied to the AD converter input pin (ADCin-pin 12), please refer to the table entitled A2,
A1 and A0: Five-level AD converter status (e.g. the AFT output voltage data can be given to the
master device).
Data Format
A)
Write mode
MSB
LSB
1
Address Byte
1
1
0
0
0
MA1
MA0
R/W
= 0ACK
2
Divider Byte 1
0
N14
N13
N12
N11
N10
N9
N8
ACK
3
Divider Byte 2
N7
N6
N5
N4
N3
N2
N1
N0
ACK (L)
4
Control Byte
1
´
N15
CP1
CP0
´
Rs
OS
ACK (L)
5
Band SW Byte
T2
T1
T0
´
B2
´
´
B1
ACK (L)
´: Don’t care
ACK: Acknowledged
(L): Latch and transfer timing
B)
Read mode
MSB
LSB
1
Address Byte
1
1
0
0
0
MA1
MA0
R/W
= 1ACK
2
Status Byte
POR
FL
I-P3
I-P2
I-P1
A2
A1
A0
¾
ACK: Acknowledged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com