Electronic Components Datasheet Search
  English  ▼

X  

IN74ACT323 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74ACT323
Description  8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT323 Datasheet(HTML) 1 Page - Integral Corp.

  IN74ACT323 Datasheet HTML 1Page - Integral Corp. IN74ACT323 Datasheet HTML 2Page - Integral Corp. IN74ACT323 Datasheet HTML 3Page - Integral Corp. IN74ACT323 Datasheet HTML 4Page - Integral Corp. IN74ACT323 Datasheet HTML 5Page - Integral Corp. IN74ACT323 Datasheet HTML 6Page - Integral Corp. IN74ACT323 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IN74ACT323
1
8-BIT BIDIRECTIONAL UNIVERSAL
SHIFT REGISTER WITH PARALLEL I/O
High-Speed Silicon-Gate CMOS
The IN74ACT323 is identical in pinout to the LS/ALS323,
HC/HCT323. The IN74ACT323 may be used as a level converter
for interfacing TTL or NMOS outputs to High Speed CMOS inputs.
The IN74ACT323 features a multiplexed parallel input/output
data port to achieve full 8-bit handling in a 20 pin package. Due to
the large output drive capability and the 3-state feature, this
device is ideally suited for interface with bus lines in a bus-
oriented system.
Two Mode-Select inputs and two Output Enable inputs are
used to choose the mode of operation as listed in the Function
Table. Synchronous parallel loading is accomplished by taking
both Mode-Select lines, S1 and S2, high. This places the outputs in
the high-impedance state, which permits data applied to the data
port to be clocked into the register. Reading out of the register can
be accomplished when the outputs are enabled. The active-low
synchronous Reset overrides all other inputs.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
ORDERING INFORMATION
IN74ACT323N Plastic
IN74ACT323DW SOIC
TA = -40° to 85° C for all
packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND


Similar Part No. - IN74ACT323

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT323 IKSEMICON-IN74ACT323 Datasheet
393Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74ACT323DW IKSEMICON-IN74ACT323DW Datasheet
393Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74ACT323N IKSEMICON-IN74ACT323N Datasheet
393Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74ACT323

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC299 SLS-SL74HC299 Datasheet
84Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O
SL74HC323 SLS-SL74HC323 Datasheet
61Kb / 7P
8-Bit Bidirectional Universal Shift Register with Parallel I/O
logo
Integral Corp.
IN74HC299 INTEGRAL-IN74HC299 Datasheet
194Kb / 8P
8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
IN74ACT299 INTEGRAL-IN74ACT299 Datasheet
243Kb / 7P
8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
logo
Motorola, Inc
MC74HC299 MOTOROLA-MC74HC299 Datasheet
123Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O
logo
KODENSHI_AUK CORP.
KK74ACT299 KODENSHI-KK74ACT299 Datasheet
412Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC299A IKSEMICON-IN74HC299A Datasheet
338Kb / 9P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
IN74HC323A IKSEMICON-IN74HC323A Datasheet
308Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
IN74AC323 IKSEMICON-IN74AC323 Datasheet
322Kb / 9P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74ACT299 IKSEMICON-IN74ACT299 Datasheet
402Kb / 8P
8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com