Electronic Components Datasheet Search
  English  ▼

X  

B3HD Datasheet(PDF) 1 Page - Fox Electronics

Part # B3HD
Description  3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

B3HD Datasheet(HTML) 1 Page - Fox Electronics

  B3HD Datasheet HTML 1Page - Fox Electronics B3HD Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO
B3HD
DATASHEET
Page 1 of 2
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: B3HD SERIES STANDARD SPECIFICATIONS
Drawing Number: B3HD-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 01/13/2020
32.768kHz
All specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
32.768 kHz
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
-40°C ~ +85ºC
-55°C ~ +105ºC
Supply Voltage
(VDD)
+3.3V ± 5%
Supply Voltage - Operable
1.5 ~ 5.5V
Input Current
(IDD)
(No Load)
2.0µA
Initial Frequency Tolerance @ 25ºC (after 2 reflows)
±3 PPM
Frequency Stability
Over Temperature Range
Over Supply Voltage Change (3.3V±5%)
Over Load Change (15pF ±5%)
±5.0 PPM
±0.3 PPM
±0.3 PPM
Rise Time
(20% ~ 80% VDD)
Fall Time
(80% ~20% VDD)
100nS
100nS
Symmetry
(50% VDD)
40% ~ 60%
Output Voltage
(VOL)
(VOH)
0.4V
VDD – 0.4V min
Output Load
(CL)
15pF
Aging per year
±3.0 PPM
Startup Time
(TS)
3.0 S
Temperature Compensation Voltage (VTEMP)
VDD = 2.0V min
Reflow Soldering Temp
260ºC / 10 Seconds x 2
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Lead-Free
Yes
RoHS/REACH Compliant
Yes


Similar Part No. - B3HD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B3HU MSYSTEM-B3HU Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-0 MSYSTEM-B3HU-0 Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-0/A MSYSTEM-B3HU-0/A Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-1 MSYSTEM-B3HU-1 Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-1/A MSYSTEM-B3HU-1/A Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
More results

Similar Description - B3HD

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCME32 ACT-TCME32 Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
HCMOS / TTL TCXO/ VCTCXO
09/10/2013
logo
Fox Electronics
O3HK FOX-O3HK Datasheet
263Kb / 5P
HCMOS 32.768kHz 3.2x2.5mm Oscillator
T3AN FOX-T3AN Datasheet
188Kb / 2P
3.2x2.5mm C-Sine TCXO/VCTCXO
T3CN FOX-T3CN Datasheet
173Kb / 2P
3.2x2.5mm C-Sine TCXO/VCTCXO
T5HN FOX-T5HN Datasheet
188Kb / 2P
5.0x3.2mm HCMOS TCXO/VCTCXO
T3HN FOX-T3HN Datasheet
187Kb / 2P
3.2x2.5mm HCMOS TCXO/VCTCXO
T3HD FOX-T3HD Datasheet
163Kb / 2P
3.2x2.5mm HCMOS TCXO
T3GN FOX-T3GN Datasheet
185Kb / 2P
3.2x2.5mm C-Sine GPS TCXO/VCTCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0537A TAI-SAW-TX0537A Datasheet
136Kb / 8P
VCTCXO 3.2x2.5mm 40.00MHz
REV. NO.: 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com