Electronic Components Datasheet Search
  English  ▼

X  

C2BS Datasheet(PDF) 1 Page - Fox Electronics

Part # C2BS
Description  2.5 x 2.0mm SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C2BS Datasheet(HTML) 1 Page - Fox Electronics

  C2BS Datasheet HTML 1Page - Fox Electronics C2BS Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.5 x 2.0mm SMD Crystal
C2BS
(former FX252BS)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: C2BS STANDARD SPECIFICATIONS
Drawing Number: 100934
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 06/3/2019
• Tolerances down to 10 PPM
• Stabilities down to 10 PPM
• C2BS STANDARD SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
12.000 ~ 80.000 MHz
Frequency Tolerance @ 25ºC
(See options on page 2)
Frequency Stability, ref @ 25ºC
Over Operating Temp Range (See options below)
Temperature Range
Operating (TOPR)
Storage (TSTG)
(See options below)
-55ºC ~ +125ºC
Shunt Capacitance (Co)
3 pF
Load Capacitance (CL)
(See options on page 2)
Drive Level
100 µW
Aging per year
±5 PPM
Reflow Soldering Temperature
260ºC x 10 Seconds x 2
Moisture Sensitivity Level (MSL) 1
Termination Finish
Au over Ni
Seal Method
Seam
Lead (Pb) Free
Yes
RoHS / REACH Compliant
Yes
Frequency Range
(MHz)
Operating
Mode
Max ESR Ω
12.000 ~ 13.999999
Fundamental
200
14.000 ~ 15.999999
Fundamental
150
16.000 ~ 19.999999
Fundamental
90
20.000 ~ 23.999999
Fundamental
70
24.000 ~ 24.999999
Fundamental
60
25.000 ~ 44.999999
Fundamental
50
45.000 ~ 80.000
Fundamental
40
•Available Operating Temperatures and Stabilities*
Operating Temperature
±10 PPM
±15 PPM
±20 PPM
±25 PPM
±30 PPM
±50 PPM
±100 PPM
0°C to +70ºC
O
O
O
O
O
O
N/A
-10°C to +60ºC
O
O
O
O
O
O
N/A
-10°C to +70ºC
O
O
O
O
O
O
N/A
-20°C to +70ºC
O
O
O
O
O
O
N/A
-30°C to +85ºC
X
O
O
O
O
O
N/A
-40°C to +85ºC
X
O
O
O
O
O
N/A
-40°C to +105ºC
X
X
X
X
X
O
O
-40°C to +125ºC
X
X
X
X
X
O
O
-55°C to +125ºC
X
X
X
X
X
O
O
Key: O=Available, X=Not Available N/A=Not applicable *Does not imply a stocked part.
Note: Dimensional drawing is for reference to
critical specifications defined by size
measurements. Certain non-critical visual
attributes, such as side castellations, etc. may
vary.


Similar Part No. - C2BS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C2BA FOX-C2BA Datasheet
270Kb / 2P
2.5 x 2.0mm Auto Grade Crystal
More results

Similar Description - C2BS

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
SMD AEL-SMD Datasheet
85Kb / 1P
2.5 x 2.0mm SMD Crystal Resonator
logo
Advanced Crystal Techno...
2205-SMX-4 ACT-2205-SMX-4 Datasheet
231Kb / 2P
2.5 x 2.0mm Crystal unit
01/2/2017
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
2.5 x 2.0mm Crystal unit
1/2/2017
logo
Vectron International, ...
VXM8 VECTRON-VXM8 Datasheet
388Kb / 3P
2.5 x 2.0mm Crystal
logo
Golledge Electronics Lt...
GSX-321 GOLLEDGE-GSX-321_18 Datasheet
599Kb / 5P
Miniature 2.5 x 2.0mm SM Crystal
GSX-323 GOLLEDGE-GSX-323 Datasheet
589Kb / 6P
Miniature 2.5 x 2.0mm SM Crystal
logo
TAITIEN ELECTRONICS CO....
XO-0144-TY-J TAITIEN-XO-0144-TY-J Datasheet
525Kb / 1P
2.5 X 2.0mm SMD CMOS Temperature Compensates Crytal Oscillator
XO-0154-OY-TYPE TAITIEN-XO-0154-OY-TYPE Datasheet
344Kb / 1P
2.5 x 2.0mm SMD CMOS Output Crystal Oscillator
logo
Fox Electronics
C2BA FOX-C2BA Datasheet
270Kb / 2P
2.5 x 2.0mm Auto Grade Crystal
logo
Transko Electronics, In...
TV22A TRANSKO-TV22A Datasheet
597Kb / 2P
MINIATURE CERAMIC SMD VCXO (2.5 x 2.0mm)
Rev. 2: Nov. 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com