Electronic Components Datasheet Search
  English  ▼

X  

C3BA Datasheet(PDF) 1 Page - Fox Electronics

Part # C3BA
Description  3.2 x 2.5mm Auto Grade Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C3BA Datasheet(HTML) 1 Page - Fox Electronics

  C3BA Datasheet HTML 1Page - Fox Electronics C3BA Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 x 2.5mm Auto Grade Crystal
C3BA
(former FXA3225B)
DATASHEET
Reference / Comments
Title / Description: C3BA SERIES STANDARD SPECIFICATIONS
7/21/2020
– Added thickness info to termination metals, adjusted MSL info
to include J-ST D-033 and N/A
© Copyright 2020 Fox Electronics. All rights reserved
Drawing Number: C3BA-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Date: 07/21/2020
• AEC Q200 Qualified
• IATF-16949 QMS
• Tolerances down to ±10 PPM
• Stabilities down to ±20 PPM
• SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
8.000 ~ 150.000 MHz
~ 52.000 MHz
Frequency Tolerance @ 25ºC
(See options on page 2)
Frequency Stability, ref @ 25ºC
(See options below)
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
See options below
-55ºC ~ +150ºC
Shunt Capacitance (C0)
3pF
Load Capacitance (CL)
(See options on page 2)
Drive Level
100µW
Aging per year
±5 PPM
Maximum Soldering Temp / Time
260ºC / 10 Seconds x 2
Moisture Sensitivity Level (MSL)
per J-STD-033
N/A
Termination Finish
Au (0.3~1µm) over Ni (1.27~8.89µm)
Seal Method
Seam
Lead (Pb) Free
Yes
RoHS Compliant
Yes, no exemptions
REACH Compliant (latest version)
Yes
Frequency Range
(MHz)
Operating Mode
Max ESR
Ω
8.000 ~ 9.999999
Fundamental
500
10.000 ~ 11.999999
Fundamental
150
12.000 ~ 15.999999
Fundamental
80
16.000 ~ 19.999999
Fundamental
60
20.000 ~ 24.999999
Fundamental
50
25.000 ~ 53.999999
Fundamental
40
54.000 ~ 64.000
Fundamental
30
54.000 ~ 99.999999
3RD OT
150
100.000 ~ 124.999999
3RD OT
100
125.000 ~ 150.000
3RD OT
80
Note: Dimensional drawing is for reference to critical specifications
defined by size measurements.
•Available Operating Temperatures and Stabilities1
Operating
Temperature
±20 PPM
±25 PPM
±30 PPM
±50 PPM
±100 PPM
-40 ~ +85ºC
O
O
O
O
O
-40 ~ +105ºC
X
X
O
O
O
-40 ~ +125ºC
X
X
X
O
O
-55 ~ +125ºC
X
X
X
O
O
Key: O=Available, X=Not Available,


Similar Part No. - C3BA

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
C3B TOKO-C3B Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B-A0105 TOKO-C3B-A0105 Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B-A0107 TOKO-C3B-A0107 Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B-A0115 TOKO-C3B-A0115 Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B-A0116 TOKO-C3B-A0116 Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
More results

Similar Description - C3BA

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
CS-018 CONNOR-WINFIELD-CS-018 Datasheet
107Kb / 2P
3.2 x 2.5mm SURFACE MOUNT CRYSTAL UNIT
logo
Advanced Crystal Techno...
3225H-SMX-4 ACT-3225H-SMX-4 Datasheet
179Kb / 1P
3.2 x 2.5mm Crystal unit
3225S-SMX-4 ACT-3225S-SMX-4 Datasheet
230Kb / 2P
3.2 x 2.5mm Crystal unit
1/02/2017
logo
TAITIEN ELECTRONICS CO....
XO-0149-OA-M-CMOS TAITIEN-XO-0149-OA-M-CMOS Datasheet
550Kb / 1P
3.2 X 2.5mm SMD CMOS Output Crystal Oscillator
XO-0155-OX TAITIEN-XO-0155-OX Datasheet
344Kb / 1P
3.2 x 2.5mm SMD CMOS Output Crystal Oscillator
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
logo
Renesas Technology Corp
603-24-127 RENESAS-603-24-127 Datasheet
267Kb / 3P
24MHz 3.2 x 2.5mm Reference Crystal
2019
603-25-150 RENESAS-603-25-150 Datasheet
267Kb / 3P
25MHz 3.2 x 2.5mm Reference Crystal
2019
603-25-173 RENESAS-603-25-173 Datasheet
267Kb / 3P
25MHz 3.2 x 2.5mm Reference Crystal
2019
603-40-48 RENESAS-603-40-48 Datasheet
266Kb / 3P
40MHz 3.2 x 2.5mm Reference Crystal
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com