Electronic Components Datasheet Search
  English  ▼

X  

C3VA Datasheet(PDF) 1 Page - Fox Electronics

Part # C3VA
Description  3.2mm x 2.5mm Vibration Resistant Crystal-Automotive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C3VA Datasheet(HTML) 1 Page - Fox Electronics

  C3VA Datasheet HTML 1Page - Fox Electronics C3VA Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2mm x 2.5mm
Vibration Resistant Crystal-Automotive
C3VA
DATASHEET
© Copyright 2020 Fox Electronics, All rights reserved
Title / Description: C3VA SERIES STANDARD SPECIFICATIONS
Drawing Number: C3VA-DOC-1
Size: A
Status: Released
Cage: 61429
Draftsperson:
BEC
Approved: MAJ
Revision Date: 06/10/2020
Page 1 of 2
•
AEC-Q200 Qualified
•
Low G sensitivity
•
Tolerances down to ±10 ppm
•
Custom application inquiries invited
•
Patented technology
C3VA STANDARD SPECIFICATIONS
PARAMETERS
MAX (Unless otherwise noted)
Frequency Range
33 ~ 52 MHz
Resonance Mode
Fundamental
Frequency Tolerance @ 25ºC
(See options on page 2)
Frequency Stability, ref 25ºC
(See options below)
Temperature Range
Operating (TOPR)
Storage (TSTG)
(See options below)
-55ºC ~ +125ºC
Equivalent Series Resistance (ESR)
60Ω Max
Shunt Capacitance (CO)
3.0 pF
Load Capacitance
(CL)
(See options on page 2)
Drive Level
0.1 mW
Aging per year
±5 PPM
Vibration Sensitivity
0.2 ppb/G
Maximum Soldering Temp / Time
260ºC / 10 Seconds x2
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Seal Method
Seam
Lead (Pb) Free
Yes
RoHS/REACH Compliant
Yes
AVAILABLE OPERATING TEMPERATURES AND STABILITIES
Operating Temp.
±20 PPM
±25 PPM
±30 PPM
±50 PPM
±100 PPM
-20 ~+70ºC
O
O
O
O
NA
-40 ~+85ºC
O
O
O
O
NA
-40 ~+105ºC
X
X
X
O
O
-40 ~+125ºC
X
X
X
X
O
Key: O = Available; X = Not available; NA = Not Applicable
C3VA


Similar Part No. - C3VA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
C3V0 ZETEX-C3V0 Datasheet
36Kb / 3P
SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
C3V3 ZETEX-C3V3 Datasheet
36Kb / 3P
SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
Taiwan Semiconductor Co...
C3V3PH TSC-C3V3PH Datasheet
73Kb / 3P
500mW Zener Diode
logo
Zetex Semiconductors
C3V6 ZETEX-C3V6 Datasheet
36Kb / 3P
SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
C3V9 ZETEX-C3V9 Datasheet
36Kb / 3P
SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
More results

Similar Description - C3VA

ManufacturerPart #DatasheetDescription
logo
MMD Components
TXXBA1 MMD-TXXBA1 Datasheet
77Kb / 1P
3.2mm X 2.5mm SMD
logo
QUARTZCOM the communica...
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
Miniature SMD Crystal Highly shock and vibration resistant
logo
Advanced Crystal Techno...
533-SMX-2 ACT-533-SMX-2 Datasheet
235Kb / 2P
5.0 x 3.2mm Crystal unit
1/02/2017
3225H-SMX-4 ACT-3225H-SMX-4 Datasheet
179Kb / 1P
3.2 x 2.5mm Crystal unit
3225S-SMX-4 ACT-3225S-SMX-4 Datasheet
230Kb / 2P
3.2 x 2.5mm Crystal unit
1/02/2017
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
Vibration and shock resistant
logo
TAITIEN ELECTRONICS CO....
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
logo
Fox Electronics
C3BQ FOX-C3BQ Datasheet
212Kb / 2P
3.2mm x 2.5mm SMD Crystal
C3BS FOX-C3BS Datasheet
163Kb / 2P
3.2mm x 2.5mm Ceramic SMD Crystal
C3VR FOX-C3VR Datasheet
1,017Kb / 2P
3.2mm x 2.5mm Vibration Resistant Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com