Electronic Components Datasheet Search
  English  ▼

X  

C3VR Datasheet(PDF) 2 Page - Fox Electronics

Part # C3VR
Description  3.2mm x 2.5mm Vibration Resistant Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C3VR Datasheet(HTML) 2 Page - Fox Electronics

  C3VR Datasheet HTML 1Page - Fox Electronics C3VR Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.2mm x 2.5mm
Vibration Resistant Crystal
C3VR
DATASHEET
7/23/2020 - Added thickness info to termination metals, adjusted
MSL info to include J-STD-033 and N/A.
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: C3VR SERIES STANDARD SPECIFICATIONS
Drawing Number: C3VR-DOC-DS
Rev: D
Status: Released: 61429
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 10/29/2020
Page
2 of 2
• TAPE SPECIFICATIONS (mm)
• REEL SPECIFICATIONS (mm)
A
B
C
D
E
F
Reel QTY
G
H
I
J
K
L M
Ø1.5
4.0
4.0
3.5
8.0
1.3
-T3 = 3,000 default
-T1 = 1,000
2.0
Ø13 Ø21 Ø80 Ø180 9.0 2.0
Available Options & Part Identification for Crystal Model C3VR1
F C3VR E E G M 40.0
F
C3VR
E
E
G
M
40.0
FOX
Model
Number
Tolerance
B = ±50 PPM
C = ±30 PPM
D = ±25 PPM
E = ±20 PPM
F = ±15 PPM
H = ±10 PPM
Stability
B = ±50 PPM
C = ±30 PPM
D = ±25 PPM
E = ±20 PPM
Load
Capacitance2
V = 7 pF
D = 8 pF
W = 9 pF
E = 10 pF
G = 12 pF
J = 15 pF
K = 16 pF
Operating
Temperature
F=-20 to +70°C
M=-40 to +85°C
Frequency (MHz)
1Not all frequency, tolerance, stability, load, and operating temperature combinations may be available.
2Listed load capacitances represent the most commonly used. Other load capacitances are available. Contact Fox Technical Support for assistance.
Corporate
Headquarters
5570 Enterprise Parkway
Fort Myers, FL 33905
https://foxonline.com/
Sales
1-888-GET-2-FOX (1-888-438-2369) or
1-239-693-0099
https://foxonline.com/representatives-
distributors/
Tech Support
https://foxonline.com/contact-
us/
PRODUCT USE: Fox Electronics reserves the right to modify the products and/or specifications described herein at any time and at Fox Electronics'
sole discretion. All information in this document, including descriptions of product features and performance, is subject to change without notice.
Performance specifications and the operating parameters of the described products are determined in the independent state and are not guaranteed
to perform the same way when installed in customer products. The information contained herein is provided without representation or warranty of any
kind, whether express or implied, including, but not limited to, the suitability of Fox Electronics' products for any particular purpose, an implied
warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not
convey any license under intellectual property rights of Fox Electronics or any third parties.
Fox Electronics' products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar
devices where the failure or malfunction of a Fox Electronics product can be reasonably expected to significantly affect the health or safety of users.
Anyone using a Fox Electronics product in such a manner does so at their own risk, absent an express, written agreement by Fox Electronics.
Fox Electronics and the Fox logo are registered trademarks of Fox Electronics. Product specification is subject to change without notice. Other
trademarks and service marks used herein, including protected names, logos and designs, are the property of Fox Electronics or their respective
third-party owners.
For datasheet type definitions and a glossary of common terms, visit http://www.foxonline.com/tgcrystals.html.
1.75



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com