Electronic Components Datasheet Search
  English  ▼

X  

C4BS Datasheet(PDF) 1 Page - Fox Electronics

Part # C4BS
Description  4.0mm x 2.5mm Ceramic SMD Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C4BS Datasheet(HTML) 1 Page - Fox Electronics

  C4BS Datasheet HTML 1Page - Fox Electronics C4BS Datasheet HTML 2Page - Fox Electronics C4BS Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4.0mm x 2.5mm Ceramic SMD Crystal
C4BS
(Former FX425B)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: C4BS SERIES STANDARD SPECIFICATIONS
Drawing Number: C4BS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 10/03/2019
Page 1 of 3
 Tolerances down to ±10PPM
 Stabilities down to ±10PPM
 Temperature Ranges to -55ºC to +125ºC
• SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
12.000 ~ 50.000MHz
Frequency Tolerance @ 25ºC
(See options on page 3)
Frequency Stability, ref @ 25ºC
(See options below)
Temperature Range
Operating (TOPR)
Storage
(TSTG)
(See options below)
-55ºC ~ +125ºC
Shunt Capacitance (CO)
5pF
Load Capacitance (CL)
(See options on page 2)
Drive Level
0.1mW
Aging per year
±5.0PPM
Maximum Soldering Temp / Time 260ºC / 10Seconds x 2
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Seal Method
Seam
Lead (Pb) Free
Yes
RoHS/REACH Compliant
Yes
Available Operating Temperatures and Stabilities
Stability Temperature
±10PPM
±15PPM
±20PPM
±25PPM
±30PPM
±50PPM
±100PPM
0°C to +0°C
O
O
O
O
O
O
N/A
-10°C to +60°C
O
O
O
O
O
O
N/A
-10°C to +70°C
O
O
O
O
O
O
N/A
-20°C to +70°C
O
O
O
O
O
O
N/A
-30°C to +85°C
X
O
O
O
O
O
N/A
-40°C to +85°C
X
O
O
O
O
O
N/A
-40°C to +105°C
X
X
X
X
X
O
O
-40°C to +125°C
X
X
X
X
X
O
O
-55°C to +125°C
X
X
X
X
X
O
O
Key: O=Available, X=Not Available, N/A=Not Applicable
Frequency
Range
Operating Mode
Max ESR Ω
12.000 ~ 12.999999
Fundamental
120
13.000 ~ 50.000
Fundamental
80


Similar Part No. - C4BS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4BSMBX3470ZAFJ KEMET-C4BSMBX3470ZAFJ Datasheet
111Kb / 1P
Film, Metallized Polypropylene, Power, C4BS, 0.47 uF, 5%, 850 V, 70C, Lead Spacing = 25mm
C4BSMBX3470ZEE_ KEMET-C4BSMBX3470ZEE_ Datasheet
366Kb / 4P
BOX CAPACITORS, IGBT APPLICATIONS
C4BSMBX3470Z_F_ KEMET-C4BSMBX3470Z_F_ Datasheet
366Kb / 4P
BOX CAPACITORS, IGBT APPLICATIONS
C4BSMBX3680Z_F_ KEMET-C4BSMBX3680Z_F_ Datasheet
366Kb / 4P
BOX CAPACITORS, IGBT APPLICATIONS
C4BSMBX4100ZAFJ KEMET-C4BSMBX4100ZAFJ Datasheet
111Kb / 1P
Capacitor, film, Metallized Polypropylene
More results

Similar Description - C4BS

ManufacturerPart #DatasheetDescription
logo
MMD Components
SXXBA1 MMD-SXXBA1 Datasheet
76Kb / 1P
4.0mm X 2.5mm SMD Package
logo
EUROQUARTZ limited
XOA32 EUROQUARTZ-XOA32 Datasheet
110Kb / 1P
3.2 x 2.5mm SMD oscillator with AT-Cut Crystal
logo
Advanced Crystal Techno...
3225H-SMX-4 ACT-3225H-SMX-4 Datasheet
179Kb / 1P
3.2 x 2.5mm Crystal unit
3225S-SMX-4 ACT-3225S-SMX-4 Datasheet
230Kb / 2P
3.2 x 2.5mm Crystal unit
1/02/2017
logo
TAITIEN ELECTRONICS CO....
XO-0149-OA-M-CMOS TAITIEN-XO-0149-OA-M-CMOS Datasheet
550Kb / 1P
3.2 X 2.5mm SMD CMOS Output Crystal Oscillator
XO-0155-OX TAITIEN-XO-0155-OX Datasheet
344Kb / 1P
3.2 x 2.5mm SMD CMOS Output Crystal Oscillator
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
logo
Fox Electronics
C3BQ FOX-C3BQ Datasheet
212Kb / 2P
3.2mm x 2.5mm SMD Crystal
C3BS FOX-C3BS Datasheet
163Kb / 2P
3.2mm x 2.5mm Ceramic SMD Crystal
logo
Transko Electronics, In...
TV32A TRANSKO-TV32A Datasheet
607Kb / 2P
MINIATURE CERAMIC SMD VCXO (3.2 x 2.5mm)
Rev. 4: Mar. 2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com