Electronic Components Datasheet Search
  English  ▼

X  

IN74ACT534 Datasheet(PDF) 2 Page - Integral Corp.

Part # IN74ACT534
Description  OCTAL 3-STATE BUS TRANSCEIVERS AND D FLIP-FLOPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT534 Datasheet(HTML) 2 Page - Integral Corp.

  IN74ACT534 Datasheet HTML 1Page - Integral Corp. IN74ACT534 Datasheet HTML 2Page - Integral Corp. IN74ACT534 Datasheet HTML 3Page - Integral Corp. IN74ACT534 Datasheet HTML 4Page - Integral Corp. IN74ACT534 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IN74ACT534
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10
Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to
GND)
0
VCC
V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Temperature, All Package Types
-40
+85
°C
IOH
Output Current - High
-24
mA
IOL
Output Current - Low
24
mA
tr, tf
Input Rise and Fall Time *
(except Schmitt Inputs)
VCC
=4.5
V
VCC =5.5 V
0
0
10
8.0
ns/V
* VIN from 0.8 V to 2.0 V
This device contains protection circuitry to guard against damage due to high static
voltages or electric fields. However, precautions must be taken to avoid applications of any voltage
higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and
VOUT should be constrained to the range GND≤(VIN or VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or
VCC). Unused outputs must be left open.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com