Electronic Components Datasheet Search
  English  ▼

X  

C8AQ Datasheet(PDF) 1 Page - Fox Electronics

Part # C8AQ
Description  10 x 4.5mm SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C8AQ Datasheet(HTML) 1 Page - Fox Electronics

  C8AQ Datasheet HTML 1Page - Fox Electronics C8AQ Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10 x 4.5mm SMD Crystal
C8AQ
(former FQ1045A)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: C8AQ STANDARD SPECIFICATIONS
Drawing Number: C8AQ-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 10/21/2019
• Available Operating Temperatures and Stabilities*
Stability Temperature
±20 PPM
±25 PPM
±30 PPM
±50 PPM
0 ~+70ºC
O
O
OO
-20 ~+70ºC
O
O
OO
-30 ~+85ºC
X
X
OO
-40 ~+85ºC
X
X
X
O
Key: O=Available, X=Not Available, ∆=Consult Fox Technical Support
*Does not imply a stocked part.
• STANDARD SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
(Fo)
3.200 ~ 7.000 MHz
Frequency Tolerance @ 25ºC
(See options on page 2)
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
(See options below)
Temperature Range
Operating
Storage
(TOPR)
(TSTG)
(See options on page 2)
-40ºC ~ +85ºC
Shunt Capacitance
(Co)
5 pF
Load Capacitance
(CL)
(See options on page 2)
Drive Level
0.5 mW
Aging per year
±5 PPM
Termination Finish
Ag
Seal Method
Resin
Lead (Pb) Free
YES
RoHS / REACH Compliant
YES
Frequency
Range
Operating Mode
Max ESR
3.200 ~ 7.000
Fundamental
150
• Tolerances down to 20 PPM
• Stabilities down to 20 PPM
• Temperature ranges as wide as -40°C to +85°C
Page 1 of 2


Similar Part No. - C8AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
C8A50Z4 NXP-C8A50Z4 Datasheet
364Kb / 9P
RF Power LDMOS Transistor
logo
Anaren Microwave
C8A50Z4A ANAREN-C8A50Z4A Datasheet
103Kb / 3P
Surface Mount Termination 8 Watts, 50廓
logo
NXP Semiconductors
C8A50Z4A NXP-C8A50Z4A Datasheet
379Kb / 9P
RF Power GaN Transistor
C8A50Z4A NXP-C8A50Z4A Datasheet
389Kb / 16P
RF Power LDMOS Transistor
C8A50Z4A NXP-C8A50Z4A Datasheet
385Kb / 17P
RF Power LDMOS Transistor N−Channel Enhancement−Mode Lateral MOSFET
Rev. 1, 11/2022
More results

Similar Description - C8AQ

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MP43050 EUROQUARTZ-MP43050 Datasheet
115Kb / 1P
12mm x 4.5mm SMD
MP4 EUROQUARTZ-MP4 Datasheet
152Kb / 1P
12 x 4.5mm Compatible SMD Crystal
logo
TAITIEN ELECTRONICS CO....
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
logo
Fox Electronics
C2BS FOX-C2BS Datasheet
215Kb / 2P
2.5 x 2.0mm SMD Crystal
C3BQ FOX-C3BQ Datasheet
212Kb / 2P
3.2mm x 2.5mm SMD Crystal
C5AQ FOX-C5AQ Datasheet
208Kb / 2P
5.0mm x 3.2mm SMD Crystal
logo
Transko Electronics, In...
CS63A TRANSKO-CS63A Datasheet
237Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.0mm)
Rev. 5: 10-10-19
TRSI6045F TRANSKO-TRSI6045F Datasheet
680Kb / 3P
Resin Shielded Inductor SMD (6.0 X 6.0 X 4.5mm)
Rev 2: 10-28-2019
TX-E TRANSKO-TX-E Datasheet
501Kb / 2P
TCXO/VCTCXO FULL SIZE SMD (18.3 x 11.7 x 4.5mm)
Rev. 1: Dec. 2014
TX-EI TRANSKO-TX-EI Datasheet
448Kb / 2P
TCXO FULL SIZE SMD (18.3 x 11.7 x 4.5mm)
Ver.1: Jan. 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com