Electronic Components Datasheet Search
  English  ▼

X  

XRT75L03 Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT75L03
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L03 Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT75L03 Datasheet HTML 81Page - Exar Corporation XRT75L03 Datasheet HTML 82Page - Exar Corporation XRT75L03 Datasheet HTML 83Page - Exar Corporation XRT75L03 Datasheet HTML 84Page - Exar Corporation XRT75L03 Datasheet HTML 85Page - Exar Corporation XRT75L03 Datasheet HTML 86Page - Exar Corporation XRT75L03 Datasheet HTML 87Page - Exar Corporation XRT75L03 Datasheet HTML 88Page - Exar Corporation XRT75L03 Datasheet HTML 89Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
XRT75L03
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
82
1
STS-1/
DS3_n
R/W
0
STS-1/DS3 Mode Select - Channel_n:
This READ/WRITE bit-field, along with Bit 2 (E3_n) is used
to configure a given channel (within the XRT75L03) into
either the DS3, E3 or STS-1 Modes.
0 - Configures Channel_n to operate in the DS3 Mode
(provided by Bit 2 [E3_n], within this same register) has
been set to "0").
1 - Configures Channel_n to operate in the STS-1 Mode
(provided that Bit 2 [E3_n], within the same register) has
been set to "0".
NOTE: This bit-field is ignored if Bit 2 (E3_n) has been set
to "1". In this case, Channel_n will be configured
to operate in the E3 Mode.
0
SR/DR_n
R/W
0
Single-Rail/Dual-Rail Select - Channel_n:
This READ/WRITE bit-field is used to configure Channel_n
to operate in either the Single-Rail or Dual-Rail Mode.
If the user configures the Channel to operate in the Single-
Rail Mode, then all of the following will happen.
• The B3ZS/HDB3 Encoder and Decoder blocks (within
Channel_n) will be enabled.
• The Transmit Section of Channel_n will accept all of the
outbound data (from the System-side Equipment) via the
TPDATA_n (or TxDATA_n) input pin.
• The Receive Section of each channel will output all of
the recovered data (to the System-side Equipment) via
the RPOS_n output pin.
• The corresponding RNEG_n/LCV_n output pin will now
function as the LCV (Line Code Violation or Excessive
Zero Event) indicator output pin for Channel_n.
If the user configures Channel_n to operate in the Dual-
Rail Mode, then all of the following will happen.
• The B3ZS/HDB3 Encoder and Decoder blocks of
Channel_n will be disabled.
• The Transmit Section of Channel_n will be configured to
accept positive-polarity data via the TPDATA_n input pin
and negative-polarity data via the TNDATA_n input pin.
• The Receive Section of Channel_n will pulse the
RPOS_n output pin "High" (for one period of RCLK_n)
for each time a positive-polarity pulse is received via the
RTIP_n/RRING_n input pins.
Likewise, the Receive
Section of each channel will also pulse the RNEG_n
output pin "High" (for one period of RCLK_n) for each
time a negative-polarity pulse is received via the
RTIP_n/RRING_n input pins.
0 - Configures Channel_n to operate in the Dual-Rail
Mode.
1 - Configures Channel_n to operate in the Single-Rail
Mode.
BIT NUMBER
NAME
TYPE
DEFAULT
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com